Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IIC10P-14-3F4 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # IIC10P-14-3F4
Description  Integrated inductive components
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

IIC10P-14-3F4 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  IIC10P-14-3F4 Datasheet HTML 1Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 2Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 3Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 4Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 5Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 6Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 7Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 8Page - Ferroxcube International Holding B.V. IIC10P-14-3F4 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008 Sep 01
919
Ferroxcube
Integrated inductive components
IIC10-14/4
IIC10-14/4
Effective core parameters
FEATURES
• Inductive SMD component that looks like a standard IC.
• Windings are completed by PCB tracks.
• Suitable for reflow soldering.
• Several magnetic functions, depending on track layout.
APPLICATIONS
• Common-mode choke
• Mutli-line choke
• Power transformers
• Signal transformers
• Saturable inductor.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
2.47
mm−1
Ve
effective volume
338
mm3
Ie
effective length
28.9
mm
Ae
effective area
11.7
mm2
m
mass of core half
≈1.85
g
Fig.3 IIC10-14/4 outline.
Dimensions in mm.
handbook, halfpage
0.1
14.4
±0.2
4
±0.08
7.2
±0.15
10.45
max.
1.0
0.6 max.
0.3
4.38
max.
0.3
max.
0.75
0.75
2.7
±0.2
CBW369
IICs for use as transformer or common-mode chokes
IIC for use as a common-mode choke or multi-line choke
Note
1.
Minimum value,
Z
min is
−20%.
IIC with rectangular hysteresis loop for use in magnetic regulators
GRADE
AL (nH) at
CORE LOSS (mW) at
TYPE NUMBER
f = 10 kHz;
T=25
°C
f = 500 kHz;
T=25
°C
f= 1 MHz;
T=25
°C
f = 500 kHz;
=50 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T = 100
°C
3F4
−−
450
±25%
−≤70
IIC10-14/4-3F4
3E6
6000
±30%
−−
IIC10-14/4-3E6
3F35
700
±25%
−≤40
IIC10-14/4-3F35
GRADE
|Ztyp|
Ω for 1 turn at
f = 100 MHz; T = 25
°C(1)
TYPE NUMBER
3S4
≈35
IIC10-14/4-3S4
GRADE
E
⋅t product (V.µs) at
TYPE NUMBER
f = 100 kHz; H = 800 A/m;
T = 100
°C; Ireset =70mA; 10 turns
f = 100 kHz; H = 800 A/m;
T=100
°C; Ireset = 0 mA; 10 turns
3R1
≥33
≤12
IIC10-14/4-3R1
B
ˆ
B
ˆ


Similar Part No. - IIC10P-14-3F4

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
IIC10P-14/4-3C30 FERYSTER-IIC10P-14/4-3C30 Datasheet
70Kb / 9P
   Integrated inductive components
IIC10P-14/4-3F35 FERYSTER-IIC10P-14/4-3F35 Datasheet
70Kb / 9P
   Integrated inductive components
IIC10P-14/4-3F4 FERYSTER-IIC10P-14/4-3F4 Datasheet
70Kb / 9P
   Integrated inductive components
More results

Similar Description - IIC10P-14-3F4

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
IIC2-14 FERROXCUBE-IIC2-14 Datasheet
73Kb / 7P
   Integrated inductive components
logo
FERYSTER Inductive Comp...
IIC10-14-4 FERYSTER-IIC10-14-4 Datasheet
70Kb / 9P
   Integrated inductive components
logo
List of Unclassifed Man...
5961001101 ETC2-5961001101 Datasheet
475Kb / 4P
   Inductive Components
logo
Maxim Integrated Produc...
MAXM17544 MAXIM-MAXM17544 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 0; 12/14
MAXM17503 MAXIM-MAXM17503 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 1; 4/15
logo
Ferroxcube Internationa...
F03_2012 FERROXCUBE-F03_2012 Datasheet
294Kb / 1P
   New reference numbers (12nc) and order data of integrated inductive components (IIC)
logo
EPCOS
B78421-P1579-A5 EPCOS-B78421-P1579-A5 Datasheet
555Kb / 4P
   Inductive Ferrite Components xDSL Interface Transformers
logo
Hotchip Technology Co.,...
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
   Highly integrated, minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
   Highly integrated, minimal peripheral components
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
   Highly integrated and minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com