Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR163SCD048 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR163SCD048
Description  POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR163SCD048 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR163SCD048 Datasheet HTML 1Page - Fujitsu Component Limited. FBR163SCD048 Datasheet HTML 2Page - Fujitsu Component Limited. FBR163SCD048 Datasheet HTML 3Page - Fujitsu Component Limited. FBR163SCD048 Datasheet HTML 4Page - Fujitsu Component Limited. FBR163SCD048 Datasheet HTML 5Page - Fujitsu Component Limited. FBR163SCD048 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FBR160 SERIES
To be
Discon
Tinue
D
n
CHARACTERISTIC DATA
Rangeofoperationtemperatureandvoltage
Etype[0.36Wtype]
Operatingtemperature(°C)
Maximumswitchingcapacity(10Atype)
Contactloadvoltage(V)
0.1
10 20
250
30 50
1.0
120
0.3
0.5
3.0
5.0
10.0
Maximumswitchingcapacity(5Atype)
Contactloadvoltage(V)
0.1
10 20
250
30 50
1.0
120
0.3
0.5
3.0
5.0
Lifecurve(5Atype)
Contactloadcurrent(A)
30
0
5
10
50
100
500
(x104)
0.5 1
2
3
4
5
1.120VACresistiveload(-HBtype)
2.30VDCresistiveload(-WBtype)
3.120VACinductiveload(-HBtype)
4.30VACinductiveload-WBtype)
5.240VACresistiveload(-HBtype)
6.240VACinductiveload(-HBtype)
Lifecurve
(10Atype,makeside(N.O.))
30
0
5
10
50
100
500
(
x104)
Lifecurve
(10Atype,breakeside(N.C.))
30
0
5
10
50
100
500
(x104)
0.5 2
4
6
8
10
1
0.5 2
4
6
8
10
1
70
80
90
100
110
120
130
140
150
160
Ð10 0 10 20 30 40 50 60 70 80
(Data)assumesthat
themaximum
allowabletem-
peratureofE
typeinsula-
tioncoilis
115°C
Operatingvoltagerange
Mustoperatevoltage
1.
2.
3.
4.
1.ACresistiveload
(ACcontactrating)
2.DCresistiveload
(DCcontactrating)
3.ACinductiveload
4.DCinductiveload
4.
2.
3.
1.
1.ACresistiveload
(ACcontactrating)
2.DCresistiveload
(DCcontactrating)
3.ACinductiveload
4.DCinductiveload
Contactloadcurrent(A)
Contactloadcurrent(A)
1.
2.
3.
4.
5.
6.
1.120VACresistiveload(-HBtype)
2.30VDCresistiveload(-WBtype)
3.120VACinductiveload(-HBtype)
4.30VACinductiveload(-WBtype)
5.240VACresistiveload(-HBtype)
6.240VACinductiveload(-HBtype)
1.120VACresistiveload(-HBtype)
2.30VDCresistiveload(-WBtype)
3.120VACinductiveload(-HBtype)
4.30VACinductiveload(-WBtype)
5.240VACresistiveload(-HBtype)
6.240VACinductiveload(-HBtype)
2.
4.
3.
5.
6.
1.
2.
4.
1.
5.
6.
3.
n
REFERENCE DATA
80
60
40
20
0
10 20
30 40 50
60 70 80
0
FBR161
n=100
Operate
Release
Distributionofoperateandreleasevoltage
Ratedcoilvoltagemultiplyingfactor(%)
1000
80
60
20
40
0
1
2
3
4
5
6
7
8
0
FBR161
n=100
Operate
Release
Distributionofoperateandreleasetime
Time(ms)
80
60
40
30
0
10 20
30 40 50
60 70 80
0
Contactresistance(mΩ)
Distributionofcontactresistance
FBR161
n=100


Similar Part No. - FBR163SCD048

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR163SCD048 FUJI-FBR163SCD048 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results

Similar Description - FBR163SCD048

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com