Electronic Components Datasheet Search |
|
FBR211SBD024 Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
FBR211SBD024 Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 7 page n FEATURES l 2 A maximum carrying current Capable of 2 A maximum continuous carrying current in the contact l Superior reliability gold-overlay contacts P type: Gold-overlay silver-palladium contacts l International terminal pitch of one inch grid terminal layout l High sensitivity, low power dissipation types also available Standard types: 0.45 W (A or B type) High sensitivity types: 0.2 W (C or E type) l Conforms to FCC 68.302 (high dielectric strength type) l UL recognized (File number E63615) l CSA recognized (File number LR64026) l RoHS compliant since date code: 0433A Please see page 5 for more information (a) Series Name FBR211 (b) Enclosure S: Flux free type N: Plastic sealed type A: Standard A type }(nominalpower450mWtype) (c) Coil Power and Schematics B: Standard B type C: High sensitivity C type }(nominalpower200mWtype) E: High sensitivity E type (d) Nominal Voltage (Example) D003: 3 VDC D012: 12 VDC (refer to the COIL DATA CHART) (e) UL Marking on Cover Nil : No UL marking U : UL marking (f) Contact Material P : Gold-overlay silver-palladium M : Gold-overlay silver (g) Special Type Nil : Standard 2 : High dielectric strength type (h) CSA Marking Nil : Standard -CSA : UL + CSA marking (valid when (e) is U) Note: The designation name is stamped on the top of the relay case as follows: (Example) Designation ordered: FBR211SAD005-P Stamp: 211SAD005-P n ORDERING INFORMATION FBR211 S A D012 U – P 2 (–CSA) [Example] (a) (b) (c) (d) (e) (f) (g) (h) FBR211 SERIES MINIATURE RELAY 1 POLE—1 to 2 A (FOR SIGNAL SWITCHING) 1 RoHS compliant To be Discon Tinue D |
Similar Part No. - FBR211SBD024 |
|
Similar Description - FBR211SBD024 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |