Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER9.5-3F45-S Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ER9.5-3F45-S
Description  Planar ER cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER9.5-3F45-S Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ER9.5-3F45-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER9.5-3F45-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER9.5-3F45-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER9.5-3F45-S Datasheet HTML 4Page - Ferroxcube International Holding B.V. ER9.5-3F45-S Datasheet HTML 5Page - Ferroxcube International Holding B.V. ER9.5-3F45-S Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
Planar ER cores and accessories
ER9.5/2.5/5
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.67
mm−1
Ve
effective volume
120
mm3
Ie
effective length
14.2
mm
Ae
effective area
8.47
mm2
Amin
minimum area
7.60
mm2
m
mass of core half
≈ 0.35
g
Fig.1 ER9.5/2.5/5 core half.
Dimensions in mm.
handbook, halfpage
CBW092
2.45
±0.05
7.1 +
0.2
0
7.5 +
0.25
0
1.6 +
0.15
0
3.5
0
−0.2
5
0
−0.2
9.5
0
−0.3
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 10
±5N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
750
±25%
≈ 1000
≈ 0
ER9.5/2.5/5-3C92-S
3C93
850
±25%
≈ 1130
≈ 0
ER9.5/2.5/5-3C93-S
3C94
63
±3%
≈ 84
≈ 200
ER9.5/2.5/5-3C94-A63-S
100
±5%
≈ 133
≈ 120
ER9.5/2.5/5-3C94-A100-S
160
±8%
≈ 213
≈ 70
ER9.5/2.5/5-3C94-A160-S
1000
±25%
≈ 1330
≈ 0
ER9.5/2.5/5-3C94-S
3C95
1150
±25%
≈ 1540
≈ 0
ER9.5/2.5/5-3C95-S
3C96
900
±25%
≈ 1200
≈ 0
ER9.5/2.5/5-3C96-S
3F3
63
±3%
≈ 84
≈ 200
ER9.5/2.5/5-3F3-A63-S
100
±5%
≈ 133
≈ 120
ER9.5/2.5/5-3F3-A100-S
160
±8%
≈ 213
≈ 70
ER9.5/2.5/5-3F3-A160-S
850
±25%
≈ 1130
≈ 0
ER9.5/2.5/5-3F3-S
3F35
700
±25%
≈ 930
≈ 0
ER9.5/2.5/5-3F35-S
3F4
40
±3%
≈ 53
≈ 340
ER9.5/2.5/5-3F4-A40-S
63
±5%
≈ 84
≈ 190
ER9.5/2.5/5-3F4-A63-S
100
±5%
≈ 133
≈ 100
ER9.5/2.5/5-3F4-A100-S
525
±25%
≈ 700
≈ 0
ER9.5/2.5/5-3F4-S
3F45
525
±25%
≈ 700
≈ 0
ER9.5/2.5/5-3F45-S


Similar Part No. - ER9.5-3F45-S

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER9.5-K-1S-8P-CPVS FERYSTER-ER9.5-K-1S-8P-CPVS Datasheet
483Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - ER9.5-3F45-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER11 FERROXCUBE-ER11 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com