Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR562 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR562
Description  HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR562 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR562 Datasheet HTML 1Page - Fujitsu Component Limited. FBR562 Datasheet HTML 2Page - Fujitsu Component Limited. FBR562 Datasheet HTML 3Page - Fujitsu Component Limited. FBR562 Datasheet HTML 4Page - Fujitsu Component Limited. FBR562 Datasheet HTML 5Page - Fujitsu Component Limited. FBR562 Datasheet HTML 6Page - Fujitsu Component Limited. FBR562 Datasheet HTML 7Page - Fujitsu Component Limited. FBR562 Datasheet HTML 8Page - Fujitsu Component Limited. FBR562 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FBR562 SERIES
n
SUITABLE APPLICATIONS
Application
Normal load current
Life x 10 3 Recommended
model (example)
Power Windows
20 to 30 A (switching at motor locking)
100
FBR562Nn -W1
Automatic Door Lock
18 to 30 A/4 to 5 door (switching at motor locking)
100
FBR562Nn -W1
Intermittent Wipers
INRUSH 15 to 30 A
300
FBR562Nn-W1
For 12 V
BREAK 2 to 8 A (motor free)
battery
Tilt-Lock Wheel
INRUSH 15 A
100
FBR562Nn-W1
BREAK 2.5 A (motor free)
Sunroof
20 to 30 A (switching at motor locking)
100
FBR562Nn-W1
Others
Car audio system, etc
FBR562Nn-W1
n
CHARACTERISTIC DATA
1. MAXIMUM BREAK CAPACITY
2. LIFE
Locked motor load
Resistive load
50
20
15
12
10
5
1
10
15
20
25
30
40
50
Voltage between contacts (VDC)
14 VDC
30
20
10
5
3
8 10 12
15
20
30
40 50
Locked motor current (A)


Similar Part No. - FBR562

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562ND06W1 FUJITSU-FBR562ND06W1 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562ND09W1 FUJITSU-FBR562ND09W1 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562ND12W1 FUJITSU-FBR562ND12W1 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
More results

Similar Description - FBR562

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR572 FUJITSU-FBR572 Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P2 FUJITSU-FTR-P2_08 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2 FUJITSU-FTR-P2 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com