Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR522 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR522
Description  COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR522 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR522 Datasheet HTML 1Page - Fujitsu Component Limited. FBR522 Datasheet HTML 2Page - Fujitsu Component Limited. FBR522 Datasheet HTML 3Page - Fujitsu Component Limited. FBR522 Datasheet HTML 4Page - Fujitsu Component Limited. FBR522 Datasheet HTML 5Page - Fujitsu Component Limited. FBR522 Datasheet HTML 6Page - Fujitsu Component Limited. FBR522 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FBR512, 522 SERIES
4. COIL TEMPERATURE RISE
5. OPERATING COIL VOLTAGE RANGE (EXAMPLE)
[ FBR512ND09-W ]
[ FBR512ND12-W ]
• Shift of pick-up and drop-out voltage
No. of operations (x104)
0
100
10
1
20
40
60
80
100
• Test item
14 V DC-25 A
Motor lock
200,000 operations minimum
(FBR512 -W1 type)
• Current wave form
• Test circuit
(RL-1)
20 sec
25 A
0 A
25 A
0 A
(RL-2)
0.3 sec
10 sec
0.3 sec
• Shift of contact resistance
100
10
1
1000
100
10
Break
Make
(measured at 6 V-1 A)
M
RL-1
RL-2
N.O.
N.C.
N.O.
N.C.
PICK-UP
DROP-OUT
No. of operations (x104)
–30
0
50
100
5
10
15
Operating temperature (°C)
NOTE : Intermittent coil
operation is required in this
region at 20 A or more
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE
(°C)
Applied time (minutes)
0
0
10
20
30
20
40
60
80
100
120
0.8 W
at 20°C
0.6 W
(2) carrying current : 10 A
applied coil power
0.8 W
0.6 W
(1) carrying current : 0 A
applied coil power
0.8 W
0.6 W
(3) carrying current : 20 A
applied coil power
Operating temperature (°C)
NOTE : Intermittent coil operation is
required in this region at 20 A or more
carrying current.
–30
0
50
100
5
10
15
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE


Similar Part No. - FBR522

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR522 FUJITSU-FBR522 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR522ND06-W1 FUJITSU-FBR522ND06-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR522ND09-W1 FUJITSU-FBR522ND09-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR522ND10-W1 FUJITSU-FBR522ND10-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR522ND12-W1 FUJITSU-FBR522ND12-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
More results

Similar Description - FBR522

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR562 FUJITSU-FBR562_09 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR572 FUJITSU-FBR572 Datasheet
75Kb / 8P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR512 FUJITSU-FBR512 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com