Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR56 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR56
Description  COMPACT HIGH POWER RELAY 1 POLE-30 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR56 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR56_08 Datasheet HTML 1Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 2Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 3Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 4Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 5Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 6Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 7Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 8Page - Fujitsu Component Limited. FBR56_08 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FBR56 SERIES
(Continued)
• Shift of pick-up and drop-out voltage
0
100
10
1
20
40
60
80
100
• Test item
14V DC- 27A INRUSH 4A break
Motor free
400,000 operations minimum
(FBR56 -W1 type)
• Current wave form
• Test circuit
• Shift of contact resistance
100
10
1
1000
100
10
(measured at 6 V-1 A)
M
N.O.
N.C.
PICK-UP
DROP-OUT
No. of operations (x104)
Initial
Initial
4 A
16 A
0 A
27 A
4. COIL TEMPERATURE RISE
5. OPERATING COIL VOLTAGE RANGE (EXAMPLE)
Ratio of operating
voltage to rated
coil voltage (%)
133
130
120
110
100
90
80
70
60
50
10 20 30 40 50 60 70 80 85
Operating temperature (°C)
Operating voltage
Continuous at carrying
current of 20 A
Within 5 minutes
at carrying current
of 20 A
Within 3 minutes
at carrying current
of 20 A
0.5
1.0
1.5
2.0
2.5
200
160
120
80
40
0
20A
10A
0A
Coilpower(W)


Similar Part No. - FBR56_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562 FUJITSU-FBR562 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR562ND06-W1 FUJITSU-FBR562ND06-W1 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR562ND06W1 FUJITSU-FBR562ND06W1 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR562ND09-W1 FUJITSU-FBR562ND09-W1 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR56_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR57 FUJITSU-FBR57 Datasheet
417Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30 A (28 VDC) (FOR 24 V BATTERY AUTOMOTIVE APPLICATIONS)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com