Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER18-3C92-S Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ER18-3C92-S
Description  Planar ER cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER18-3C92-S Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ER18-3C92-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER18-3C92-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER18-3C92-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER18-3C92-S Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
2
Ferroxcube
Planar ER cores and accessories
ER18/3.2/10
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.730
mm−1
Ve
effective volume
667
mm3
Ie
effective length
22.1
mm
Ae
effective area
30.2
mm2
Amin
minimum area
30.1
mm2
m
mass of core half
≈ 1.6
g
MFP028
3.15
± 0.1
13.5 min
15.6
± 0.3
1.6
± 0.1
6.2
± 0.15
9.7
± 0.2
18.0
± 0.35
R0.8 (8
×)
Fig.1 ER18/3.2/10 core half.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 15
± 5N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
160
± 3 %
≈ 93
≈ 260
ER18/3.2/10-3C92-A160-S
250
± 5 %
≈ 146
≈ 150
ER18/3.2/10-3C92-A250-S
400
± 8 %
≈ 232
≈ 85
ER18/3.2/10-3C92-A400-S
1900
± 25 %
≈ 1100
≈ 0
ER18/3.2/10-3C92-S
3C93
2200
± 25 %
≈ 1270
≈ 0
ER18/3.2/10-3C93-S
3C95
3120
± 25 %
≈ 1810
≈ 0
ER18/3.2/10-3C95-S
3C96
160
± 3 %
≈ 93
≈ 260
ER18/3.2/10-3C96-A160-S
250
± 5 %
≈ 146
≈ 155
ER18/3.2/10-3C96-A250-S
400
± 8 %
≈ 232
≈ 90
ER18/3.2/10-3C96-A400-S
2400
± 25 %
≈ 1100
≈ 0
ER18/3.2/10-3C96-S
3F3
2400
± 25 %
≈ 1100
≈ 0
ER18/3.2/10-3F3-S
3F35
160
± 3 %
≈ 93
≈ 260
ER18/3.2/10-3F35-A160-S
250
± 5 %
≈ 146
≈ 150
ER18/3.2/10-3F35-A250-S
400
± 8 %
≈ 232
≈ 85
ER18/3.2/10-3F35-A400-S
1800
± 25 %
≈ 1100
≈ 0
ER18/3.2/10-3F35-S
3F4
1300
± 25 %
≈ 794
≈ 0
ER18/3.2/10-3F4-S
3F45
1300
± 25 %
≈ 794
≈ 0
ER18/3.2/10-3F45-S


Similar Part No. - ER18-3C92-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
ER1830NPAS-1 ETC2-ER1830NPAS-1 Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
ER1830PPAS ETC2-ER1830PPAS Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
ER1830PPAS-1 ETC2-ER1830PPAS-1 Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
logo
Ultralife Corporation.
ER18505 ULTRALIFE-ER18505 Datasheet
292Kb / 2P
   A Size Bobbin Cell
14 NOV 17 Rev: B
More results

Similar Description - ER18-3C92-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER11 FERROXCUBE-ER11 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER95 FERROXCUBE-ER95 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com