Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6120-5 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 6120-5
Description  IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6120-5 Datasheet(HTML) 1 Page - Schurter Inc.

  6120-5 Datasheet HTML 1Page - Schurter Inc. 6120-5 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Connectors (Inlets/Outlets)
620-5
www.schurter.com/pg07
Connectors
IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5
C16 A
155° C
Description
-PanelMount:
Snap-inversionfromfrontside
-ApplianceInlet,Pintemperature155°C,ProtectionclassI
-Solderterminalsorquickconnectterminals
Approvals
-VDELicenseNumber:40015595
-ULLicenseNumber:E96454
Other versions on request
-Otherpanelthickness
-Quick-connectterminals4.8x0.8mm
-Typesforenhancedglowwiretestrequirementsacc.IEC60695-2-
11to-13fortheuseinunattendedhouseholdequipmentacc.IEC
60335-1
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>2kVACbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto155°C
DegreeofProtection
fromfrontsideIP30acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Solderterminalsorquickconnectter-
minals
PanelThicknesss
Snap-in:1.5/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C16Aacc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forveryhot
conditions)pin-temperature155°C,
10A,ProtectionClass1
Dimensions
30mm
6120-5
max.R3
27.5
S
30
E
3
+0.2
0
±0.1
E: Solder terminals: 22.5 mm
E: Quick connect terminals: 25.5 mm
S: 1.5; 2.5; 3.0 mm


Similar Part No. - 6120-5

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6120-5 SCHURTER-6120-5 Datasheet
199Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
6120-5 SCHURTER-6120-5 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6120-5 SCHURTER-6120-5_18 Datasheet
199Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5_V01 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
More results

Similar Description - 6120-5

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6120-5 SCHURTER-6120-5_18 Datasheet
199Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5_V02 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6120-5 SCHURTER-6120-5_V01 Datasheet
200Kb / 3P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
0184 SCHURTER-0184 Datasheet
300Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
6110-4 SCHURTER-6110-4 Datasheet
350Kb / 2P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4_1809 SCHURTER-6110-4_1809 Datasheet
273Kb / 3P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5 SCHURTER-6102-5_V02 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
4793 SCHURTER-4793 Datasheet
346Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1624_1809 SCHURTER-1624_1809 Datasheet
329Kb / 4P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick Connect Terminal
6102-5 SCHURTER-6102-5_V01 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com