Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6110-3 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 6110-3
Description  IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6110-3 Datasheet(HTML) 2 Page - Schurter Inc.

  6110-3 Datasheet HTML 1Page - Schurter Inc. 6110-3 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Connectors (Inlets/Outlets)
60-3
www.schurter.com/pg07
Connectors
Variants
Type
Panel mounting
Panel Thickness
s [mm]
Terminal
Order Number
6110-3
Screw
-
-
6110.3200
6110-3
Screw
-
Quick connect terminals 6.3 x 0.8 mm
6110.3300
6110-3
Screw
-
Solder terminals 3.8 x 0.8 mm
6110.3100
OptionwithIP54sealingprotectsfromenteringfluidsanddustintotheapplianceandthepowerinput.Thisoptioncanbeordered
withending".30"(61xx.xxxx.30).
Thesealingtotheapplianceonitsown(noprotectionofpowerinput)isavailableasaccessory(sealingkit).
Articlesforenhancedglowwiretestrequirementsacc.IEC60695-2-11to-13canbeorderedwithending".15"(xxxx.xxxx.15).They
aresuitablefortheuseinunattendedhouseholdequipmentacc.IEC60335-1.
Packaging unit
50Pcs
Accessories
Description
Sealing Kit
Sealing for Appliance Inlets
IP 54
0098.0103
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Mating Outlets/Connectors
Category / Description
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C15, Rewireable, Straight
4781
Connector further types to 6110-3
...
Power Cord Overview complete
Power Cord with IEC Connector C15, Straight, 120°C
3366
Power Cord with IEC Connector C15, Angled, 120°C
3368
Power Cord further types to 6110-3
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 6110-3

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6110-3 SCHURTER-6110-3 Datasheet
271Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6110-3 SCHURTER-6110-3 Datasheet
283Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6110-3 SCHURTER-6110-3 Datasheet
283Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
6110-3 SCHURTER-6110-3_18 Datasheet
271Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6110-3 SCHURTER-6110-3_V01 Datasheet
283Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
More results

Similar Description - 6110-3

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6110-3 SCHURTER-6110-3_V02 Datasheet
283Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
6110-3 SCHURTER-6110-3_18 Datasheet
271Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6110-3 SCHURTER-6110-3_V01 Datasheet
283Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0161 SCHURTER-0161 Datasheet
367Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0161-Y SCHURTER-0161-Y Datasheet
364Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
0167 SCHURTER-0167 Datasheet
340Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
6102-3 SCHURTER-6102-3 Datasheet
369Kb / 3P
   IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6048 SCHURTER-6048_V01 Datasheet
336Kb / 4P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com