Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR46ND012-P-16 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FBR46ND012-P-16
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR46ND012-P-16 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FBR46ND012-P-16 Datasheet HTML 1Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 2Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 3Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 4Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 5Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 6Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 7Page - Fujitsu Component Limited. FBR46ND012-P-16 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FBR46 SERIES
To be
Discon
Tinue
D
Item
Standard
65% operate
-15 type
-16 type
Resistance (initial)
(500 VDC)
Minimum1,000MΩ1min.
Dielectric Strength
open contacts
720VAC - 1 min.
coil and contact
adjacentcontact
1,000 VAC -1min.
open contacts
750VAC
coil and contact
adjacentcontact
1,500 VAC -1min.
open contacts
1,000VAC -1min.
coil and contact
adjacentcontact
1,500 VAC -1min.
Surge Voltage
non-conducted terminals
1,500V
10 x 700µs standard wave
open contact
1,500V
10 x 700µs standard wave
coil and contact
adjacentcontact
2,500V
2 x 10µs standard wave
n
INSULATION
1,500 V
750 V
10s
700s
1,500 V
750 V
10s
700s
2,500 V
1,250 V
2s
10s
Type
Compliance
Contact rating
UL
UL114
E63615
Flammability:UL94-V0(plastics)
0.3A, 250VAC (resistive)
1A, 30VDC
CSA
C22.2 No. 14
LR 40304, LR 64026
n
SAFETY STANDARDS


Similar Part No. - FBR46ND012-P-16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results

Similar Description - FBR46ND012-P-16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com