Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR52ND09-W1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FBR52ND09-W1
Description  COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR52ND09-W1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FBR52ND09-W1 Datasheet HTML 1Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 2Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 3Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 4Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 5Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 6Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 7Page - Fujitsu Component Limited. FBR52ND09-W1 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FBR51, 52 SERIES
0
100
10
20
1
20
40
60
80
100
100
10
20
1
1000
100
10
0A
10A
80A
N.O.
4. COIL TEMPERATURE RISE
5. OPERATING COIL VOLATGE RANGE (EXAMPLE)
(°C)
Applied time (minutes)
0
0
10
20
30
20
40
60
80
100
120
0.8 W
at 20°C
0.6 W
(2) carrying current : 10 A
applied coil power
0.8 W
0.6 W
(1)carrying current : 0 A
applied coil power
0.8 W
0.6 W
(3) carrying current : 20 A
applied coil power
–30
0
50
100
5
10
15
Operating temperature (°C)
NOTE : Intermittent coil
operation is required in this
region at 20 A or more
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE
carrying current carrying
current.
Operating temperature (°C)
NOTE : Intermittent coil
operation is required in this
region at 20 A or more
–30
0
50
100
5
10
15
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE
carrying current.
[FBR51ND09-n]
[FBR51ND12-n]
•Testitem
14VDC-80A(120W)
lampload100,000
operationsminimum
(FBR51n-WLtype)
•Testcircuit
•Currentwaveform
•Shiftofpick-updrop-outvoltage
•Shiftofcontactresistance
Initial
Numberofoperations(x104)
Initial
PICK-UP
DROP-OUT
Numberofoperations(x104)


Similar Part No. - FBR52ND09-W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR52ND09-W1 FUJITSU-FBR52ND09-W1 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
More results

Similar Description - FBR52ND09-W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com