Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR22D01-P Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR22D01-P
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR22D01-P Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR22D01-P Datasheet HTML 1Page - Fujitsu Component Limited. FBR22D01-P Datasheet HTML 2Page - Fujitsu Component Limited. FBR22D01-P Datasheet HTML 3Page - Fujitsu Component Limited. FBR22D01-P Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FBR20 SERIES
NOT
FOR
NEW
DESIGNS
-
TO
BE
DISCONTINUED
s SPECIFICATIONS
Item
Single contact type
Bifurcated contact type
Contact
Arrangement
1 form C (SPDT)
Material
Gold-overlay silver-palladium
Resistance (initial)
Maximum 100 m
Ω (at 0.1 A 6 VDC)
Rating (resistive)
0.5 A 120 VAC or 1 A 24 VDC (resistive load)
Maximum Carrying Current
2 A
Maximum Switching Power
60 VA or 24 W
Maximum Switching Voltage*1
125 V
Maximum Switching Current
1 A
Minimum Switching Load*2
Plastic sealed 1 mA 1V
Plastic sealed 0.1V 100
µA
(reference)
Flux free 1 mA 5V
Flux free 1V, 1mA
Capacitance
Approximately 2 pF (between coil and contacts)
(reference)
Approximately 1 pF (between open contacts)
Coil
Nominal Power (at 20
°C)
Approximately 0.3 W
Operate Power (at 20
°C)
Approximately 0.192 W maximum
Operating Temperature
–30
°C to +65°C (no frost) (refer to the CHARACTERISTIC DATA)
Operating Humidity
45 to 85%RH
Time Value
Operate (at nominal voltage)
Maximum 5 ms
Release (at nominal voltage)
Maximum 2 ms
Insulation
Resistance (initial)
Minimum 100 M
Ω (at 500 VDC)
Dielectric
Between coil and contacts
500 VAC for 1 minute (standard)
Strength
1,000 VAC for 1 minute (high dielectric strength type)
Between open contacts
500 VAC 1 minute
Surge Strength
1,500 V (10
× 700 µs)
(high dielectric strength)
Life
Mechanical
5
× 106 operations minimum
Electrical
2
× 105 operations minimum (at contact rating)
(refer to the REFERENCE DATA)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 3.0 mm)
Shock
Misoperation
500 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (11
±1 ms)
Weight
Approximately 1.7 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the
type of load.
*2 Values when switching a resistive load at normal room temperature and humidity, and in a clean environment. The mini-
mum switching load varies with the switching frequency and operation environment.
Nominal voltage
Contact rating
1.5 to 24 VDC
1 A 24 VDC resistive
0.5 A 30 VAC resistive
s SAFETY STANDARD AND FILE NUMBERS
UL114 (File No. E63615)
1,500 V
750 V
10
µs
700
µs
(between coil and contacts)


Similar Part No. - FBR22D01-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR22H01-P FUJITSU-FBR22H01-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22H03-P FUJITSU-FBR22H03-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22H05-P FUJITSU-FBR22H05-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22H06-P FUJITSU-FBR22H06-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22H09-P FUJITSU-FBR22H09-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR22D01-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com