Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR51-WF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR51-WF
Description  COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR51-WF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR51-WF Datasheet HTML 1Page - Fujitsu Component Limited. FBR51-WF Datasheet HTML 2Page - Fujitsu Component Limited. FBR51-WF Datasheet HTML 3Page - Fujitsu Component Limited. FBR51-WF Datasheet HTML 4Page - Fujitsu Component Limited. FBR51-WF Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FBR51 (–WF) SERIES
s SPECIFICATIONS
Item
FBR51 Series
Contact
Arrangement
1 form A
Material
Special contact
Voltage Drop (resistance)
Maximum 100 mV (at 2 A 12 VDC)
Ratings
14 VDC–80 W (load: tungsten lamp)
Maximum Carrying Current
30 A/ 1 hour (25
°C, 100% rated coil voltage)
Max. Inrush Current (reference)
80 A
Max. Switching Current (reference)
35 A 16 VDC
Min. Switching Load*1 (reference)
6 VDC, 1 A
Coil
Operating Temperature
–40
°C to + 85°C (no frost)
Storage Temperature
–40
°C to +100°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 10 ms
Release (at nominal voltage)
Maximum 5 ms
Life
Mechanical
1
× 107 operations minimum
Electrical
2.5 x 106 ops.
14 VDC inrush 11 A (0.35s ON, 0.35s OFF), 80 W (load: tungsten lamp)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2
Resistance
Endurance
1,000 m/s2
Weight
Approximately 6 g
Polarity
N.O.
Terminal: (+)side
COM.
Terminal: (–)side
*1 Values when switching a resistive load at normal room temperature and humidity and in a clean environment.
The minimum switching load varies with the switching frequency and operating environment.
s COIL DATA CHART
MODEL
Nominal
Coil
Must operate
Thermal
voltage
resistance
voltage
resistance
FBR51 Series
(
±10%) (at 20°C)
FBR51ND09-WF
9 VDC
135
5.4 VDC (at 20
°C)
6.8 VDC (at 85
°C)
FBR51ND10-WF
10 VDC
180
6.3 VDC (at 20
°C)
73
°C/W
7.9 VDC (at 85
°C)
FBR51ND12-WF
12 VDC
240
7.3 VDC (at 20
°C)
9.2 VDC (at 85
°C)


Similar Part No. - FBR51-WF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
More results

Similar Description - FBR51-WF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com