Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS-12W-K Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # AS-12W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

AS-12W-K Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  AS-12W-K Datasheet HTML 1Page - Fujitsu Component Limited. AS-12W-K Datasheet HTML 2Page - Fujitsu Component Limited. AS-12W-K Datasheet HTML 3Page - Fujitsu Component Limited. AS-12W-K Datasheet HTML 4Page - Fujitsu Component Limited. AS-12W-K Datasheet HTML 5Page - Fujitsu Component Limited. AS-12W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
AS SERIES
NOT
FOR
NEW
DESIGNS
s PACKING
(1) PACKING METHOD (ONLY TAPE PACKING IS AVAILABLE)
• Taping standards : JIS C 0806 and
RC - 1009B (EIAJ)
• Tape type : TB2416 or TE2416
• Reel type : R24D
• Quantity of 1 reel : 500 pieces
• Packing orientation code : B
Feeding
Orientation mark side
(2) DIMENSIONS (in mm)
• REEL DIMENSIONS
• TAPE DIMENSIONS
Note:
Relays are sold in packs of 500 pieces, please order
500 pieces as one unit.
ø 1.55
© 2002 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks
of their respective owners. Rev. 03/2002
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 375-8560
Fax: (65) 273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices


Similar Part No. - AS-12W-K

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
AS-12.000-20 RALTRON-AS-12.000-20 Datasheet
96Kb / 1P
   LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.000-20-4PD-T RALTRON-AS-12.000-20-4PD-T Datasheet
113Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
AS-12.000-20-SMD RALTRON-AS-12.000-20-SMD Datasheet
123Kb / 1P
   LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20 RALTRON-AS-12.288-20 Datasheet
96Kb / 1P
   LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20-SMD RALTRON-AS-12.288-20-SMD Datasheet
123Kb / 1P
   LOW PROFILE MICROPROCESSOR CRYSTAL
More results

Similar Description - AS-12W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com