Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHSNR51K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # AHSNR51K
Description  AH Aluminum Housed Power Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHSNR51K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  AHSNR51K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHSNR51K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
01 of 07
Preview
Token Electronics aluminum chassis mount units are designed for maximum heat dissipation mounting solidly to
metal chassis surface for maximum heat transfer. AH series are outstanding for their high power dissipation with
precision tolerances in minimum physical sizes.
Lower hot spot ratings due to exclusive complete encapsulation of element within anodized aluminum body.
AH series high-performance welded construction throughout assures long stable load life with threaded heavy
stud axial-terminals.
Materials :
● Encapsulant: S: Silicone, C: Cement; End caps: Stainless steel.
● Core: Ceramic steatite or alumina.
● Housing: Aluminum with hard anodic coating.
● Element: Copper-nickel alloy, nickel-chrome alloy or manganese copper.
● Standard Terminals: 5~50 W Tinned terminals, 100~250 W Threaded terminals.
General Specification :
● Ayrton Perry type non-inductive winding is available. When required add “N” to the part number.
● Standard winding & non-inductive winding avaiable. High power rating, strong construction, small size,
and ultra precision.
● Aluminum housing allows chassis mounting and provides heat sink capability
The AH Series is RoHS compliant and lead free.
For non-standard technical requirements and custom special applications, please contact us to discuss the details.
AH Aluminum Housed Power Resistors
Outstanding Heatsink Aluminum Housed
Power Resistor (AH)
Aluminum Housed
Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - AHSNR51K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHS080-2018 MACOM-AHS080-2018 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AHS080-2018 MACOM-AHS080-2018 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
AHS080-2018 MACOM-AHS080-2018 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
More results

Similar Description - AHSNR51K

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
logo
Riedon Powertron
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com