Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5380A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N5380A
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5380A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N5380A Datasheet HTML 1Page - EIC discrete Semiconductors 1N5380A Datasheet HTML 2Page - EIC discrete Semiconductors 1N5380A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5338A - 1N5388A
SILICON ZENER DIODES
VZ : 5.1 - 200 Volts
PD : 5 Watts
FEATURES :
* Complete Voltage Range 5.1 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-15 Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.4 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
5.0
Watts
Maximum Forward Voltage at IF = 1 A
VF
1.2
Volts
Operating Junction Temperature Range
TJ
- 65 to + 200
°C
Storage Temperature Range
TSTG
- 65 to + 200
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body.
TL, LEAD TEMPERATURE (°C)
LEAD LENGTH TO HEATSINK(INCH)
Page 1 of 3
Rev. 10 : March 9, 2010
DO-15
Dimensions in inches and ( millimeters )
0.300 (7.6)
0.230 (5.8)
0.142 (3.6)
0.102 (2.6)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
1
2
3
4
5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
0
25
50
75
100
125
150
175
200
Fig. 2 TYPICAL THERMAL RESISTANCE
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 1N5380A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5380A EIC-1N5380A Datasheet
31Kb / 2P
   SILICON ZENER DIODES
1N5380A EIC-1N5380A Datasheet
103Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5380A NJSEMI-1N5380A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
More results

Similar Description - 1N5380A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com