Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP17-3C94 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # EP17-3C94
Description  EP cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP17-3C94 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  EP17-3C94 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP17-3C94 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP17-3C94 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP17-3C94 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP17-3C94 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP17-3C94 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
706
Ferroxcube
EP cores and accessories
EP17
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.870
mm−1
Ve
effective volume
999
mm3
Ie
effective length
29.5
mm
Ae
effective area
33.7
mm2
Amin
minimum area
25.5
mm2
m
mass of set
≈ 12
g
Fig.1 EP17 core set.
Dimensions in mm.
handbook, halfpage
;;;
;;;
;;;
;;;
MBG176
3.3
± 0.2
11
± 0.25
16.8
± 0.2
11.4
± 0.3
5.7
± 0.18
12
± 0.4
18
± 0.4
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 40
±10 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
63
±3%
≈ 44
≈ 1020
EP17-3C81-E63
100
±3%
≈ 70
≈ 560
EP17-3C81-A100
160
±3%
≈ 111
≈ 310
EP17-3C81-A160
250
±3%
≈ 174
≈ 180
EP17-3C81-A250
315
±5%
≈ 219
≈ 135
EP17-3C81-A315
2670
±25%
≈ 1860
≈ 0
EP17-3C81
3C91
2670
±25%
≈ 1860
≈ 0
EP17-3C91
3C94
63
±3%
≈ 44
≈ 1020
EP17-3C94-E63
100
±3%
≈ 70
≈ 560
EP17-3C94-A100
160
±3%
≈ 111
≈ 310
EP17-3C94-A160
250
±3%
≈ 174
≈ 180
EP17-3C94-A250
315
±5%
≈ 219
≈ 135
EP17-3C94-A315
2500
±25%
≈ 1740
≈ 0
EP17-3C94
3C96
2200
±25%
≈ 1530
≈ 0
EP17-3C96


Similar Part No. - EP17-3C94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP17-0181 ETC2-EP17-0181 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
EP17-0182 ETC2-EP17-0182 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
logo
B. B. Battery Co., Ltd.
EP17-12 BB-BATTERY-EP17-12 Datasheet
210Kb / 1P
   VRLA Rechargeable Battery
EP17-12FR BB-BATTERY-EP17-12FR Datasheet
210Kb / 1P
   VRLA Rechargeable Battery
EP17-12 BB-BATTERY-EP17-12_15 Datasheet
188Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EP17-3C94

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com