Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5099 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5099
Description  IEC Appliance Outlet H, Screw-on Mounting, Solder Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5099 Datasheet(HTML) 2 Page - Schurter Inc.

  5099 Datasheet HTML 1Page - Schurter Inc. 5099 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Cord Connectors (rewireable)
5099
www.schurter.com/pg07b
Connectors
Config. Code
Product Configurator
5099
|-|H|-|A|B|C|0-|D|-|E|J|
 
 The characters are placeholders for the correspondingly keys of selections from the key tables.
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Type
Type
Configuration
key
protection class 2
B
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal L
Configuration
key
solder terminal
1
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal N
Configuration
key
solder terminal
1
Symbols similar as in table A
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal Ground
Configuration
key
without terminal
0
Symbols similar as in table A
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Color
Color
Configuration
key
jet black; RAL9005
A
standard color: black
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Style
Style
Configuration
key
insert type
5
 
5099
|-|H|-|A|B|C|0-|D|-|E|J| = Condition
Condition
Configuration
key
not concerning this product
nv
 
Mating Inlets/Plugs
Category / Description
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord with IEC Plug G, Straight
609B
Interconnection Cord further types to 5099
The specifications, descriptions and illustrations indicated in this document are based on 
current information. All content is subject to modifications and amendments.


Similar Part No. - 5099

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5099427-1 TEC-5099427-1 Datasheet
93Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT
5099427-2 TEC-5099427-2 Datasheet
93Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT
logo
Tyco Electronics
5099974-1 MACOM-5099974-1 Datasheet
108Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
5099974-2 MACOM-5099974-2 Datasheet
108Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
5099982-1 TEC-5099982-1 Datasheet
108Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT
More results

Similar Description - 5099

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4787_1809 SCHURTER-4787_1809 Datasheet
324Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787 SCHURTER-4787_V01 Datasheet
322Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
05.01.2022
5084 SCHURTER-5084_V02 Datasheet
195Kb / 3P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
05.01.2022
5084 SCHURTER-5084 Datasheet
322Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
5088 SCHURTER-5088 Datasheet
321Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
4787 SCHURTER-4787_18 Datasheet
286Kb / 3P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
5088 SCHURTER-5088_V01 Datasheet
198Kb / 3P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
5888 SCHURTER-5888 Datasheet
323Kb / 2P
   IEC Appliance Outlet B, Screw-on Mounting, Front Side, Solder Terminal
5084 SCHURTER-5084_V01 Datasheet
195Kb / 3P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
4787 SCHURTER-4787_21 Datasheet
321Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com