Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5375B Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 1N5375B
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5375B Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  1N5375B Datasheet HTML 1Page - EIC discrete Semiconductors 1N5375B Datasheet HTML 2Page - EIC discrete Semiconductors 1N5375B Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N5338B - 1N5388B )
Page 3 of 3
Rev. 10 : March 9, 2010
0.2
0.5
1
2
5
10
20
0.01
0.1
1
10
100
0.001
0.005
0.05
0.5
5
50
DUTY CYCLE, D = t 1/t2
SINGLE PULSE
Δ TJL JL(t)PPK
REPETITIVE PULSE
Δ TJL JL(t,D)PPK
NOTE:BELOW 0.1 SECOND, THERMAL
RESPONSE CURVE IS APPLICABLE
TO ANY LEAD LENGTH (L)
D=0
D=0.01
D=0.05
D=0.1
D=0.2
D=0.5
t,TIME (SECONDS)
Fig 3. Typical Thermal Response L, Lead Length = 3/8 Inch
40
20
10
4
2
1
0.4
0.2
0.1
3 4
6 8 10
20
30 40
80 100
200
PW=1 ms*
PW=8.3 ms*
PW=100 ms*
PW=1000 ms*
*SQURE WAVE
NORMINAL Vz (V)
Fig.4 Maximum Non-Repetitive Surg Current
versus Nominal Zener Voltage
0.1
0.2
0.5
1
2
5
10
20
30
1
10
100
1000
Vz = 3.3 V
Vz = 200 V
PW, PULSE WIDTH (ms)
Fig. 5 Peak Surg Current versus
Pulse Width
t2
t1
PPK
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 1N5375B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5375B MOTOROLA-1N5375B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5375B NJSEMI-1N5375B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diotec Semiconductor
1N5375B DIOTEC-1N5375B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5375B SEMIKRON-1N5375B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
New Jersey Semi-Conduct...
1N5375B NJSEMI-1N5375B Datasheet
168Kb / 1P
   DIODE
More results

Similar Description - 1N5375B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com