Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5093 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5093
Description  IEC Appliance Outlet F or H, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5093 Datasheet(HTML) 1 Page - Schurter Inc.

  5093 Datasheet HTML 1Page - Schurter Inc. 5093 Datasheet HTML 2Page - Schurter Inc. 5093 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Connectors (Inlets/Outlets)
5093
www.schurter.com/pg07
Connectors
IEC Appliance Outlet F or H, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
F
70° C
Description
-PanelMount:
Snap-inversion,fromfrontside
-Connector,Pintemperature70°C,protectionclassIorII
-Solderterminalsorquickconnectterminals
Approvals
-VDELicenseNumber:40010295
-ULLicenseNumber:E57445
-CSALicenseNumber:27324
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>4kVACbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
Terminal
Solderterminalsorquickconnectter-
minals
PanelThicknesss
Snap-inversion
1/1.5/2/2.5/3mm
Material:Housing
UL94V-0
ApplianceOutlet
Facc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1or2
Dimensions
35.3mm
32.4
35.3
32.2
25.5
3
+0.2
- 0
"X"
lenght of the terminal please find at the order code configuration table
Dimension "X" please ref. to table order code


Similar Part No. - 5093

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
5093 FILTRAN-5093 Datasheet
322Kb / 1P
   Audio Line Matching Transformer
logo
Schurter Inc.
5093 SCHURTER-5093 Datasheet
202Kb / 3P
   IEC Appliance Outlet F or H, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
Texas Instruments
50935 TI1-50935 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
logo
Freescale Semiconductor...
5093NW20R00J FREESCALE-5093NW20R00J Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
logo
NXP Semiconductors
5093NW20R00J NXP-5093NW20R00J Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - 5093

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5093 SCHURTER-5093_V01 Datasheet
202Kb / 3P
   IEC Appliance Outlet F or H, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788 Datasheet
382Kb / 3P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_V01 Datasheet
347Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4 Datasheet
354Kb / 3P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788_1809 SCHURTER-4788_1809 Datasheet
328Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_18 Datasheet
324Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_18 Datasheet
316Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_21 Datasheet
326Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_V01 Datasheet
327Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6600-4 SCHURTER-6600-4_V02 Datasheet
347Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
5.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com