Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E38-3F4-E315-E Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # E38-3F4-E315-E
Description  Planar E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E38-3F4-E315-E Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  E38-3F4-E315-E Datasheet HTML 1Page - Ferroxcube International Holding B.V. E38-3F4-E315-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E38-3F4-E315-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E38-3F4-E315-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E38-3F4-E315-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E38-3F4-E315-E Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2008 Sep 01
5
Ferroxcube
Planar E cores and accessories
E58/11/38
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
=200 mT;
T=25
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
E+E58-3C90
≥320
≤ 3.0
−−−
E+PLT58-3C90
≥320
≤ 2.6
−−−
E+E58-3C92
≥370
≤ 2.4
−≤ 15
E+PLT58-3C92
≥370
≤ 2.0
−≤ 13
E+E58-3C93
≥320
≤ 2.4(1)
1.
Measured at 140
°C.
−≤ 15(1)
E+PLT58-3C93
≥320
≤ 2.0(1)
−≤ 13(1)
E+E58-3C94
≥320
≤ 2.4
−≤ 15
E+PLT58-3C94
≥320
≤ 2.0
−≤ 13
E+E58-3C95
≥320
−≤ 15.5
≤ 14.8
E+PLT58-3C95
≥320
−≤ 13.1
≤ 12.5
E+E58-3F3
≥300
≤ 3.0
−−
≤ 4.7
E+PLT58-3F3
≥300
≤ 2.6
−−
≤ 4.0
E+E58-3F4
≥250
−−−−
E+PLT58-3F4
≥250
−−−−
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T=100
°C
f= 1 MHz;
=30 mT;
T=100
°C
f= 3 MHz;
=10mT;
T = 100
°C
E+E58-3F4
≥250
−−
≤ 7.4
≤ 12
E+PLT58-3F4
≥250
−−
≤ 6.25
≤ 10
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - E38-3F4-E315-E

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E38-3F4-E315-E FERROXCUBE-E38-3F4-E315-E Datasheet
56Kb / 6P
   Planar E cores and accessories
More results

Similar Description - E38-3F4-E315-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com