Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP10-3C81-E25 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP10-3C81-E25
Description  EP cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP10-3C81-E25 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP10-3C81-E25 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP10-3C81-E25 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008 Sep 01
686
Ferroxcube
EP cores and accessories
EP10
Note
1.
Measured at 60
°C.
3C96
≥340
≤ 0.07
−−
3F35
≥300
≤ 0.025
≤ 0.2
−−
3F3
≥315
−−
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - EP10-3C81-E25

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP10 YUXIANG-EP10 Datasheet
105Kb / 2P
   EP Core
logo
Pulse A Technitrol Comp...
EP10 PULSE-EP10 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
   4 COM ports
logo
B. B. Battery Co., Ltd.
EP100-12 BB-BATTERY-EP100-12 Datasheet
182Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EP10-3C81-E25

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com