Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5930B Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 1SMB5930B
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SMB5930B Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  1SMB5930B Datasheet HTML 1Page - EIC discrete Semiconductors 1SMB5930B Datasheet HTML 2Page - EIC discrete Semiconductors 1SMB5930B Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES( 1SMB5913B - 1SMB5956B )
FIG. 1 - POWER TEMPERATURE DERATING CURVE
FIG. 3 - MAXIMUM SURGE POWER
FIG. 5 - TEMPERATURE COEFFICIENT RANGES
FIG. 6 - TEMPERATURE COEFFICIENT RANGES
UNITS TO 12 VOLTS
UNITS 10 TO 400 VOLTS
FIG. 7 - ZENER VOLTAGE VS. ZENER CURRENT
FIG. 8 - ZENER VOLTAGE VS. ZENER CURRENT
VZ = 3.3 thru 10 VOLTS
VZ = 12 thru 82 VOLTS
Page 3 of 3
Rev. 06 : December 23, 2009
VZ, ZENER VOLTAGE @ IZT (VOLTS)
10
100
1000
1000
100
10
VZ, ZENER VOLTAGE @ IZT (VOLTS)
-4
2
3456
78
910
11
12
-2
0
2
4
6
8
10
VZ, ZENER VOLTAGE (VOLTS)
0
12345678910
100
10
1
0.1
0
102030405060708090100
0.1
100
10
1
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
PW, PULS WIDTH (ms)
0.1
1
10
100
1000
100
10
T, LEAD TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
5
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ = 25 °C PRIOR
TO INITIAL PULSE
VZ @ IZT
TA
TB
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 1SMB5930B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5930B MOTOROLA-1SMB5930B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
First Silicon Co., Ltd
1SMB5930B FS-1SMB5930B Datasheet
661Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
1SMB5930B KEXIN-1SMB5930B Datasheet
69Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5930B SYNSEMI-1SMB5930B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
Diotech Company.
1SMB5930B DIOTECH-1SMB5930B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5930B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com