Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFD20-3C94-A315 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # EFD20-3C94-A315
Description  EFD cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EFD20-3C94-A315 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  EFD20-3C94-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EFD20-3C94-A315 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
2
Ferroxcube
EFD cores and accessories
EFD20/10/7
CORES
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.52
mm−1
Ve
effective volume
1460
mm3
Ie
effective length
47.0
mm
Ae
effective area
31.0
mm2
Amin
minimum area
29
mm2
m
mass of core half
≈ 3.5
g
Fig.1 EFD20/10/7 core half.
Dimensions in mm.
handbook, halfpage
MGC345
8.9
0.2
15.4 0.5
20 0.55
7.7
0.25
10
0.15
3.6
0.15
0.17
6.65
0.15
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 20
±10 N, unless stated
otherwise.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C90
63
±3%(1)
≈ 76
≈ 960
EFD20/10/7-3C90-E63
100
±3%
≈ 121
≈ 510
EFD20/10/7-3C90-A100
160
±5%
≈ 193
≈ 280
EFD20/10/7-3C90-A160
250
±8%
≈ 302
≈ 160
EFD20/10/7-3C90-A250
315
±10%
≈ 380
≈ 120
EFD20/10/7-3C90-A315
1300
±25%
≈ 1570
≈ 0
EFD20/10/7-3C90
3C94
63
±3%(1)
≈ 76
≈ 960
EFD20/10/7-3C94-E63
100
±3%
≈ 121
≈ 510
EFD20/10/7-3C94-A100
160
±5%
≈ 193
≈ 280
EFD20/10/7-3C94-A160
250
±8%
≈ 302
≈ 160
EFD20/10/7-3C94-A250
315
±10%
≈ 380
≈ 120
EFD20/10/7-3C94-A315
1300
±25%
≈ 1570
≈ 0
EFD20/10/7-3C94
3C95
1540
±25%
≈ 1865
≈ 0
EFD20/10/7-3C95
3C96
1200
±25%
≈ 1450
≈ 0
EFD20/10/7-3C96
3F3
63
±3%(1)
≈ 76
≈ 960
EFD20/10/7-3F3-E63
100
±3%
≈ 121
≈ 510
EFD20/10/7-3F3-A100
160
±5%
≈ 193
≈ 280
EFD20/10/7-3F3-A160
250
±8%
≈ 302
≈ 160
EFD20/10/7-3F3-A250
315
±10%
≈ 380
≈ 120
EFD20/10/7-3F3-A315
1200
±25%
≈ 1450
≈ 0
EFD20/10/7-3F3


Similar Part No. - EFD20-3C94-A315

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EFD20-K-10P FERYSTER-EFD20-K-10P Datasheet
94Kb / 1P
   PHOSPHOR BRONZE
EFD20-K-10P-SMD FERYSTER-EFD20-K-10P-SMD Datasheet
68Kb / 1P
   PHOSPHOR BRONZE
EFD20-K-12P-SMD-TBI FERYSTER-EFD20-K-12P-SMD-TBI Datasheet
149Kb / 1P
   PM-9630 SUMUTOMO
EFD20-K-8P FERYSTER-EFD20-K-8P Datasheet
55Kb / 1P
   PHENOLIC PM9630
EFD20-K-8P-YW FERYSTER-EFD20-K-8P-YW Datasheet
55Kb / 1P
   PHENOLIC PM9630
More results

Similar Description - EFD20-3C94-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
EFD10 FERROXCUBE-EFD10 Datasheet
62Kb / 6P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15 Datasheet
101Kb / 9P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15_1 Datasheet
32Kb / 1P
   EFD cores and accessories
CPHS-EFD15-1S-10P FERROXCUBE-CPHS-EFD15-1S-10P Datasheet
9Kb / 1P
   EFD cores and accessories
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD12 FERROXCUBE-EFD12_1 Datasheet
25Kb / 1P
   EFD cores and accessories
CSHS-EFD20-1S-10PL FERROXCUBE-CSHS-EFD20-1S-10PL Datasheet
81Kb / 1P
   EFD cores and accessories
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD20 FERROXCUBE-EFD20_1 Datasheet
33Kb / 1P
   EFD cores and accessories
logo
NXP Semiconductors
EFD25 PHILIPS-EFD25 Datasheet
64Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com