Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E42-3F3-A630 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E42-3F3-A630
Description  E cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E42-3F3-A630 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E42-3F3-A630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 7Page - Ferroxcube International Holding B.V. E42-3F3-A630 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
407
Ferroxcube
E cores and accessories
E42/21/15
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALU
E
UNIT
Σ(I/A)
core factor (C1)
0.548
mm−1
Ve
effective volume
17300
mm3
Ie
effective length
97.0
mm
Ae
effective area
178
mm2
Amin
minimum area
175
mm2
m
mass of core half
≈ 44
g
handbook, halfpage
CBW048
R
≤ 0.6
21
±0.2
R2
14.8 +
0.6
0
29.5 +
1.4
0
43
0
−1.7
12.2
0
−0.5
15.2
0
−0.6
Fig.1 E42/21/15 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 40
±20 N, unless stated
otherwise.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
100
±5%(1)
≈ 43
≈ 3960
E42/21/15-3C81-E100
160
±5%(1)
≈ 69
≈ 2060
E42/21/15-3C81-E160
250
±5%(1)
≈ 108
≈ 1140
E42/21/15-3C81-E250
315
±5%
≈ 137
≈ 850
E42/21/15-3C81-A315
400
±8%
≈ 173
≈ 630
E42/21/15-3C81-A400
630
±15%
≈ 273
≈ 360
E42/21/15-3C81-A630
5300
±25%
≈ 2300
≈ 0
E42/21/15-3C81
3C90
100
±5%(1)
≈ 43
≈ 3960
E42/21/15-3C90-E100
160
±5%(1)
≈ 69
≈ 2060
E42/21/15-3C90-E160
250
±5%(1)
≈ 108
≈ 1140
E42/21/15-3C90-E250
315
±5%
≈ 137
≈ 850
E42/21/15-3C90-A315
400
±8%
≈ 173
≈ 630
E42/21/15-3C90-A400
630
±15%
≈ 273
≈ 360
E42/21/15-3C90-A630
3950
±25%
≈ 1710
≈ 0
E42/21/15-3C90
3C91
5300
±25%
≈ 2300
≈ 0
E42/21/15-3C91
3C92
3100
±25%
≈ 1350
≈ 0
E42/21/15-3C92
3C94
4100
±25%
≈ 1780
≈ 0
E42/21/15-3C94


Similar Part No. - E42-3F3-A630

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E42-15-K-H-10P-1S-WZ7130 FERYSTER-E42-15-K-H-10P-1S-WZ7130 Datasheet
73Kb / 1P
   E42-15-K-H-10P-1S-WZ7130
E42-15-K-H-10P-DS-WZ7130 FERYSTER-E42-15-K-H-10P-DS-WZ7130 Datasheet
145Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E42-15-KH-10P-1S-WZ7130 FERYSTER-E42-15-KH-10P-1S-WZ7130 Datasheet
75Kb / 1P
   PHOSPHOR BRONZE
E42-15-KH-10P-DS-WZ7130 FERYSTER-E42-15-KH-10P-DS-WZ7130 Datasheet
145Kb / 1P
   PHOSPHOR BRONZE
E42-15-KV-18P-068 FERYSTER-E42-15-KV-18P-068 Datasheet
119Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - E42-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com