Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSR906D00-D1 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TSR906D00-D1
Description  One Port Resonators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSR906D00-D1 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  TSR906D00-D1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSR906D00-D1 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
09 of 09
Version 2010
Saw Resonators (TSR) Series
SAW Resonators Part Type
Center Freq.(MHz)
Code
Center Freq.
224D50
224.5 MHz
306D00
306 MHz
384D05
384.05 MHz
Series No.: None, A, B, C, D
Package: S1, S2, D1, D2, D3
Back to 1st Page - Saw Resonators - TSR
How to Order
224D50
A
TSR
S1
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSR906D00-D1

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-065 SUNTAN-TSR-065 Datasheet
1Mb / 2P
   Trimming Potentiometer - TSR-065
TSR-065 SUNTAN-TSR-065_17 Datasheet
1Mb / 2P
   Trimming Potentiometer ??TSR-065
TSR-105H SUNTAN-TSR-105H Datasheet
486Kb / 2P
   Trimming Potentiometer - TSR-105H
TSR-105H SUNTAN-TSR-105H_17 Datasheet
517Kb / 2P
   Trimming Potentiometer ??TSR-105H
logo
FOTEK CONTROLS CO., LTD...
TSR-10AA-H-R FOTEK-TSR-10AA-H-R Datasheet
2Mb / 5P
   Solid State Module
More results

Similar Description - TSR906D00-D1

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
642 OSCILENT-642 Datasheet
125Kb / 2P
   One-Port SAW
642-314.5M OSCILENT-642-314.5M Datasheet
125Kb / 2P
   One-Port SAW
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   One-Port 180째 SAW
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
AAEON Technology
PER-C11L AAEON-PER-C11L Datasheet
137Kb / 1P
   Mini PCIe Module With One Ethernet Port and One USB Port
logo
Murata Manufacturing Co...
CSTCR4M16G55001-R0 MURATA1-CSTCR4M16G55001-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTLS16M0X53Z-B0 MURATA1-CSTLS16M0X53Z-B0_V01 Datasheet
230Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR7M37G55B02-R0 MURATA1-CSTCR7M37G55B02-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com