Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E47-3C92 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E47-3C92
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E47-3C92 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E47-3C92 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E47-3C92 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E47-3C92 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E47-3C92 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E47-3C92 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E47-3C92 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
425
Ferroxcube
E cores and accessories
E47/20/16
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.380
mm−1
Ve
effective volume
20800
mm3
Ie
effective length
88.9
mm
Ae
effective area
234
mm2
Amin
minimum area
226
mm2
m
mass of core half
≈ 53
g
handbook, halfpage
32.4
±0.65
15.6
±0.25
46.9
±0.8
15.6
±0.25
12.1
min. 19.6
±0.2
CBW059
Fig.1 E47/20/16 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 40
±20 N, unless stated
otherwise.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
100
±5%(1)
≈ 30
≈ 5080
E47/20/16-3C81-E100
160
±5%(1)
≈ 48
≈ 2720
E47/20/16-3C81-E160
250
±5%(1)
≈ 76
≈ 1540
E47/20/16-3C81-E250
315
±5%(1)
≈ 95
≈ 1140
E47/20/16-3C81-E315
400
±8%(1)
≈ 121
≈ 860
E47/20/16-3C81-E400
630
±10%
≈ 190
≈ 490
E47/20/16-3C81-A630
7540
±25%
≈ 2280
≈ 0
E47/20/16-3C81
3C90
100
±5%(1)
≈ 30
≈ 5080
E47/20/16-3C90-E100
160
±5%(1)
≈ 48
≈ 2720
E47/20/16-3C90-E160
250
±5%(1)
≈ 76
≈ 1540
E47/20/16-3C90-E250
315
±5%(1)
≈ 95
≈ 1140
E47/20/16-3C90-E315
400
±8%(1)
≈ 121
≈ 860
E47/20/16-3C90-E400
630
±10%
≈ 190
≈ 490
E47/20/16-3C90-A630
5500
±25%
≈ 1660
≈ 0
E47/20/16-3C90
3C91
7540
±25%
≈ 2280
≈ 0
E47/20/16-3C91
3C92
4400
±25%
≈ 1330
≈ 0
E47/20/16-3C92
3C94
5600
±25%
≈ 1690
≈ 0
E47/20/16-3C94
3C95
7540
±25%
≈ 2280
≈ 0
E47/20/16-3C95


Similar Part No. - E47-3C92

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E4707BBG SEMTECH-E4707BBG Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
E4717DBG SEMTECH-E4717DBG Datasheet
211Kb / 22P
   Quad Channel, Per Pin Precision Measurement Unit
logo
Gilway Technical Lamp
E472 GILWAY-E472 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Littelfuse
E47258 LITTELFUSE-E47258 Datasheet
402Kb / 3P
   Miniature single in-line package
logo
Keysight Technologies
E4727A KEYSIGHT-E4727A Datasheet
3Mb / 17P
   Advanced Low-Frequency Noise Analyzer
More results

Similar Description - E47-3C92

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com