Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E55-3C90-E630 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E55-3C90-E630
Description  E cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E55-3C90-E630 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E55-3C90-E630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E55-3C90-E630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E55-3C90-E630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E55-3C90-E630 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
2
Ferroxcube
E cores and accessories
E55/28/25
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.239
mm−1
Ve
effective volume
52000
mm3
Ie
effective length
123
mm
Ae
effective area
420
mm2
Amin
minimum area
411
mm2
m
mass of core half
≈130
g
andbook, halfpage
27.5
±0.3
CBW069
17.2
0
−0.5
56.2
0
−2.1
37.5 +
1.5
0
18.5 +
0.8
0
25
0
−0.8
R3
R
< 0.6
Fig.1 E55/28/25 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 60
±20 N, unless stated
otherwise.
Note
1.
Measured in combination with an equal gapped core half.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C90
100
±5%(1)
≈ 23
≈ 10440
E55/28/25-3C90-E100
160
±5%(1)
≈ 37
≈ 5520
E55/28/25-3C90-E160
250
±5%(1)
≈ 58
≈ 3040
E55/28/25-3C90-E250
315
±5%(1)
≈ 73
≈ 2240
E55/28/25-3C90-E315
400
±8%(1)
≈ 93
≈ 1660
E55/28/25-3C90-E400
630
±10%(1)
≈ 147
≈ 940
E55/28/25-3C90-E630
8000
±25%
≈ 1860
≈ 0
E55/28/25-3C90
3C92
5800
±25%
≈ 1100
≈ 0
E55/28/25-3C92
3C94
8000
±25%
≈ 1860
≈ 0
E55/28/25-3C94
3C95
9860
±25%
≈ 2300
≈ 0
E55/28/25-3C95
3F3
100
±5%(1)
≈ 23
≈ 10440
E55/28/25-3F3-E100
160
±5%(1)
≈ 37
≈ 5520
E55/28/25-3F3-E160
250
±5%(1)
≈ 58
≈ 3040
E55/28/25-3F3-E250
315
±5%(1)
≈ 73
≈ 2240
E55/28/25-3F3-E315
400
±8%(1)
≈ 93
≈ 1660
E55/28/25-3F3-E400
630
±10%(1)
≈ 147
≈ 940
E55/28/25-3F3-E630
7400
±25%
≈ 1730
≈ 0
E55/28/25-3F3


Similar Part No. - E55-3C90-E630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E55-3C90-E630 FERROXCUBE-E55-3C90-E630 Datasheet
77Kb / 8P
   E cores and accessories
More results

Similar Description - E55-3C90-E630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com