Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E8-3F3-A250 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # E8-3F3-A250
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E8-3F3-A250 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  E8-3F3-A250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E8-3F3-A250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E8-3F3-A250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E8-3F3-A250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E8-3F3-A250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E8-3F3-A250 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2008 Sep 01
330
Ferroxcube
E cores and accessories
E16/8/5
COIL FORMER
General data for 9-pins E16/8/5 coil former
Winding data and area product for 9-pins E16/8/5 coil former; note 1
Note
1.
This coil former is optimized for the use of triple-isolated wire. This wire is approved for safety isolation without the
usual creepage distance.
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41429 (M)
Pin material
copper-clad steel, tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
20.2
9.6
35
406
CSH-E16/8/5-1S-9P
MFW047
11.1
± 0.2
9.5
± 0.2
11.15
± 0.2
0.64
± 0.05
4
± 0.3
2.5
± 0.2
23.8
± 0.4
17
± 0.3
15
5
7
14
14.9
± 0.3
4.9
± 0.15
4.9
± 0.15
0.64
± 0.05
19.8
± 0.3
6.4
± 0.2
Fig.3 E16/8/5 coil former; 9-pins.
Dimensions in mm.


Similar Part No. - E8-3F3-A250

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
E8-CL RICHCO-E8-CL Datasheet
52Kb / 1P
   E CLAMPS
More results

Similar Description - E8-3F3-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com