Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQBN1500W0R1HZ Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # DQBN1500W0R1HZ
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQBN1500W0R1HZ Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  DQBN1500W0R1HZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQBN1500W0R1HZ Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 of 09
Power-Rib Wirewound (DQ) Specifications
Test Item
Test Methods
Characteristics
Resistance tolerance
JIS-C-5202 5-1
Resistance Nominal
Tolerance
1≤R
1>R
±5%(J) ±10%(K)
Temperature coefficient JIS-C-5202 5-2
±400PPM/°C MAX
Load rating
JIS-C-5202 5-4
ΔR/R≤ ±(0.5%+0.1Ω)
Surface temperature up 350°C MAX
Short-term overload
JIS-C-5202 5-5
500% rated wattage 5 seconds
Free of appearance or structural irregularity
ΔR/R≤ ±(2%+0.1Ω)
Insulation resistance
JIS-C-5202 5-6 500VDC
100MΩ min
Dielectric withstanding
voltage
JIS-C-5202 5-7
1000VDC 1 minute Between
terminal and anchor stand
Free of appearance or structural irregularity
ΔR/R≤ ±(0.1%+0.05Ω)
Terminal strength
JIS-C-5202 6-1 8kg 30 seconds
Free of appearance or structural irregularity
Vibration
JIS-C-5202 6-3;
1.5m/m 10 ~ 50 ~ 10 Hz/min X-Y-Z
2 hours each
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(1%+0.05Ω)
Thermal shock
JIS-C-5202 7-3
Room temp 30 minutes ON-55°C
15 minutes OFF
Free of structural irregularity
ΔR/R≤ ±(1%+0.05Ω)
Humidity
JIS-C-5202 7-5
40°C 90%RH 240 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(3%+0.1Ω)
Load life
JIS-C-5202 7-10
90 minutes ON - 30 minutes OFF
500 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(5%+0.1Ω)
Flame retardation
JIS-C-5202 7-13-3-2
100% - 600% rated wattage load
US UL-94 flame retardation test V-0 grade
noncombustible
REMARKS:
1. Resistance and resistance tolerance were tested in-house with micro resistance meter.
2. Coating refers to UL-certified data provided by supplier
Version 2010
DQN Non-Inductive Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - DQBN1500W0R1HZ

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com