Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E13-3F3-A63 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E13-3F3-A63
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E13-3F3-A63 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E13-3F3-A63 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E13-3F3-A63 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E13-3F3-A63 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E13-3F3-A63 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E13-3F3-A63 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E13-3F3-A63 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
323
Ferroxcube
E cores and accessories
E13/7/4
(EF12.6)
COIL FORMER
General data for 6-pins E13/7/4 coil former
Winding data and area product for E13/7/4 6-pins coil former
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA6.6), glass reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41871(M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
130
°C, “IEC 60085”, class B
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
11.6
7.1
24
144
CPH-E13/7/4-1S-6P
handbook, full pagewidth
CBW008
5
∅0.6
12.9 max.
7.1 min.
10
±0.1
10
±0.1
9.6
max.
5.2
1.5
5.5
12.8 max.
3.9 +
0.15
0
1 +
0.15
0
8.5
0
−0.15
8.7
0
−0.2
Fig.2 E13/7/4 coil former; 6-pins.
Dimensions in mm.


Similar Part No. - E13-3F3-A63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E13-3F3-A63 FERROXCUBE-E13-3F3-A63 Datasheet
59Kb / 6P
   E cores and accessories
More results

Similar Description - E13-3F3-A63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com