Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQBN1500W1RJG Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # DQBN1500W1RJG
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQBN1500W1RJG Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  DQBN1500W1RJG Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQBN1500W1RJG Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(DQBN) 30W ~ 20000W Dimensions
07 of 09
N
L1
d
R
M
L2
L3
H
Q
q
Non-Inductive Power Resistors
(DQBN) N - No mount Dimensions
Non-Inductive Power Resistors
(DQBN) Z - Vertical mount Dimensions
Non-Inductive Power Resistors (DQBN)
G - Horizontal mount Dimensions
Wattage
Rating
Dimensions (mm)
Resistance
Range
R
L1
L2
L3
H
N
d
M
q
Q
30W
20
70
100
120
50
6
3.5
5
5
20
2~1KΩ
40W
20
87
115
137
50
6
3.5
5
5
20
2~1KΩ
50W
28
90
115
143
68
9
4.5
5.5
6
27
5~1KΩ
80W
28
90
115
143
68
9
4.5
5.5
6
27
5~2KΩ
100W
28
170
195
223
68
9
4.5
5.5
6
27
10~3KΩ
150W
28
215
240
268
68
9
4.5
5.5
6
27
10~3KΩ
200W
28
267
292
320
68
9
4.5
5.5
6
27
10~5KΩ
250W
28
267
292
320
68
9
4.5
5.5
6
27
10~5KΩ
300W
40
267
300
343
90
10
4.5
6
6
39
20~5KΩ
400W
40
330
365
406
90
10
4.5
6
6
39
20~5KΩ
500W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
600W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
700W
50
400
435
485
95
10
6
8.5
8
49
20~5KΩ
800W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1000W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1500W
70
415
435
477
138
15
8
-
8
69
40~500Ω
2000W
70
510
530
572
138
15
8
-
8
69
40~500Ω
2500W
70
600
620
662
138
15
8
-
8
69
40~500Ω
3000W
70
600
620
662
138
18
8
-
8
69
40~500Ω
4000W
100
430
450
521
185
15
8
-
8
99
40~500Ω
5000W
100
500
620
691
185
15
8
-
8
99
40~500Ω
6000W
100
600
720
791
185
15
8
-
8
99
40~500Ω
10000W
150
600
625
720
350
30
8
-
10 150
40~500Ω
12000W
150
660
685
780
350
30
8
-
10 150
40~500Ω
15000W
150
660
685
780
350
30
8
-
10 150
40~500Ω
20000W
150
1000
1030
1120
350
30
8
-
10 150
40~500Ω
Version 2010
DQN Non-Inductive Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - DQBN1500W1RJG

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com