Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2.9-3F3 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E2.9-3F3
Description  E cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E2.9-3F3 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E2.9-3F3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 7Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 8Page - Ferroxcube International Holding B.V. E2.9-3F3 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
298
Ferroxcube
E cores and accessories
E6.3/2.9/2
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
3.67
mm−1
Ve
effective volume
40.6
mm3
Ie
effective length
12.2
mm
Ae
effective area
3.3
mm2
Amin
minimum area
2.6
mm2
m
mass of core half
≈ 0.12
g
Fig.1 E6.3/2.9/2 core half.
Dimensions in mm.
handbook, halfpage
CBW004
1.4
3.6 +
0.2
0
1.85 +
0.1
0
6.3
0
−0.25
2.9
0
−0.1
2.0
0
−0.1
0
−0.1
Core halves for general purpose transformers and power applications
Clamping force for AL measurements, 5
±2N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C96
380
±25%
≈ 1110
≈ 0
E6.3/2.9/2-3C96
3F3
360
±25%
≈ 1050
≈ 0
E6.3/2.9/2-3F3
3F35
300
±25%
≈ 875
≈ 0
E6.3/2.9/2-3F35
3F4
225
±25%
≈ 660
≈ 0
E6.3/2.9/2-3F4


Similar Part No. - E2.9-3F3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E2.9 FERROXCUBE-E2.9 Datasheet
15Kb / 1P
   E cores and accessories
More results

Similar Description - E2.9-3F3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com