Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHS105K1D Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # AHS105K1D
Description  AH Aluminum Housed Power Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHS105K1D Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  AHS105K1D Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHS105K1D Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
5W ~ 50W Dimensions
D
C
A
P
K
ΦL
ΦN
F
E
H G
J
Type
Dimensions(mm)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
± 1.0 ± 1.0 ± 1.0 ± 2.0 ± 1.0 ± 1.0 ± 1.0 ± 0.8 ± 1.0 ± 0.8 ± 0.5 ± 0.5 ± 0.2 ± 0.8
AH-5
11.2
12.5
15.2 28.6 8.5
16.4 8.1
1.7
3.8
2
2.4
1.5
1.3
6.7
AH-5N
11.2
12.5
15.2 28.6 8.5
16.4 8.1
1.7
3.8
2
2.4
1.5
1.3
6.7
AH-10
14.2 15.9
19
34.9 10.7
20.3 9.9
1.9
4.2
2.4
2.4
2
2.2
7.95
AH-10N 14.2 15.9
19
34.9 10.7
20.3 9.9
1.9
4.2
2.4
2.4
2
2.2
7.95
AH-25
18.2 19.8
27
49.2 14
27.4 13.9
1.9
5.9
4.4
3.2
1
2.2
11.1
AH-25N 18.2 19.8
27
49.2 14
27.4 13.9
1.9
5.9
4.4
3.2
1
2.2
11.1
AH-50
40
21.4
50
70.6 16
29
15.5
2.2
6.6
5
3.2
2
2.2
10.3
AH-50N 40
21.4
50
70.6 16
29
15.5
2.2
6.6
5
3.2
2
2.2
10.3
Notice: All dimensions might be changed or modified, please refer to last updating specification.
Token’s AH resistor wattage ratings are based on mounting to the following heat sink:
● AH-5W/10W: aluminum chassis area is 832 cm2 × 1.0 mm thick or equiv.
● AH-25W: aluminum chassis area is 1077 cm2 × 1.0 mm thick or equiv.
● AH-50W: aluminum chassis area is 1877 cm2 × 1.5 mm thick or equiv.
● AH-100W: aluminum chassis area is 1896 cm2 × 3.2 mm thick or equiv.
● AH-250W: aluminum chassis area is 5780 cm2 × 3.2 mm thick or equiv.
AH-100, AH-100N Dimensions
2-Φ4.8±0.5
9.5±1.0
70±1.0
89±1.0
139±2
46±1.0
13±0.8
M5
M5
Note: All values might be changed or modified, please consult factory for details.
AH Aluminum Housed Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - AHS105K1D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AHS120 LITTELFUSE-AHS120 Datasheet
97Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
AHS160 MACOM-AHS160 Datasheet
50Kb / 1P
   PolySwitch짰 PTC Devices Overcurrent Protection Device
AHS160 MACOM-AHS160 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHS160 MACOM-AHS160 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AHS160 MACOM-AHS160 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
More results

Similar Description - AHS105K1D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
logo
Riedon Powertron
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com