Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQAN1500W12RKG Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # DQAN1500W12RKG
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQAN1500W12RKG Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  DQAN1500W12RKG Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQAN1500W12RKG Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
09 of 09
How to Order
DQAN
1500W
100R
K
G
Part Number: DQA, DQB, DQAN, DQBN
Rated Power (W): 75W~2000W
30W~20000W
75W~2000W
30W~20000W
Resistance Value (Ω):
Resistance Tolerance (%)
Code
Rated Power
H
±3%
J
±5%
K
±10%
Code
Resistance Value
0R1
0.1Ω
1R
10R
10Ω
12R
12Ω
100R
100Ω
Assembly Method
Code
Rated Power
N
No mount.
C
Clip mount.
G
Horizontal mount.
Z
Vertical mount.
Version 2010
DQN Non-Inductive Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Non-Inductive Power Resistors (DQN)


Similar Description - DQAN1500W12RKG

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com