Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C512KM-20 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X28C512KM-20
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C512KM-20 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X28C512KM-20 Datasheet HTML 4Page - Xicor Inc. X28C512KM-20 Datasheet HTML 5Page - Xicor Inc. X28C512KM-20 Datasheet HTML 6Page - Xicor Inc. X28C512KM-20 Datasheet HTML 7Page - Xicor Inc. X28C512KM-20 Datasheet HTML 8Page - Xicor Inc. X28C512KM-20 Datasheet HTML 9Page - Xicor Inc. X28C512KM-20 Datasheet HTML 10Page - Xicor Inc. X28C512KM-20 Datasheet HTML 11Page - Xicor Inc. X28C512KM-20 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
X28C512/X28C513
Resetting Software Data Protection
Figure 5a. Reset Software Data Protection Timing Sequence
Figure 5b. Software Sequence to Deactivate
Software Data Protection
In the event the user wants to deactivate the software
data protection feature for testing or reprogramming in
an E2PROM programmer, the following six step algo-
rithm will reset the internal protection circuit. After tWC,
the X28C512/513 will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
3856 FHD F13
CE
WE
STANDARD
OPERATING
MODE
VCC
DATA
ADDR
AA
5555
55
2AAA
80
5555
NOTE: All other timings and control pins are per page write timing requirements.
≥t
WC
AA
5555
55
2AAA
20
5555
WRITE DATA 55
TO ADDRESS
2AAA
3856 FHD F14
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 80
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
WRITE DATA 20
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555


Similar Part No. - X28C512KM-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512KM-20 INTERSIL-X28C512KM-20 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512KM-20 INTERSIL-X28C512KM-20 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512KM-20 RENESAS-X28C512KM-20 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512KM-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com