Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT841D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT841D
Description  10-bit bus interface latch; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT841D Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT841D Datasheet HTML 1Page - NXP Semiconductors 74ABT841D Datasheet HTML 2Page - NXP Semiconductors 74ABT841D Datasheet HTML 3Page - NXP Semiconductors 74ABT841D Datasheet HTML 4Page - NXP Semiconductors 74ABT841D Datasheet HTML 5Page - NXP Semiconductors 74ABT841D Datasheet HTML 6Page - NXP Semiconductors 74ABT841D Datasheet HTML 7Page - NXP Semiconductors 74ABT841D Datasheet HTML 8Page - NXP Semiconductors 74ABT841D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74ABT841 high performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT841 bus interface register is designed to provide extra data width for wider
data/address paths of buses carrying parity.
The 74ABT841 consists of ten D-type latches with 3-state outputs. The flip-flops appear
transparent to the data when latch enable (LE) is HIGH. This allows asynchronous
operation, as the output transition follows the data in transition. On the LE HIGH-to-LOW
transition, the data that meets the set-up and hold time is latched.
Data appears on the bus when the output enable (OE) is LOW. When OE is HIGH the
output is in the high-impedance state.
2.
Features and benefits
High speed parallel latches
Extra data width for wide address/data paths or buses carrying parity
Ideal where high speed, light loading, or increased fan-in are required with MOS
microprocessors
Broadside pinout
Output capability: +64 mA and
−32 mA
Power-up 3-state
Power-up reset
Latch-up protection exceeds 500 mA per JESD78B class II level A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
74ABT841
10-bit bus interface latch; 3-state
Rev. 03 — 25 March 2010
Product data sheet


Similar Part No. - 74ABT841D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841D PHILIPS-74ABT841D Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results

Similar Description - 74ABT841D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com