Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT544D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT544D
Description  Octal latched transceiver with dual enable; inverting; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT544D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT544D Datasheet HTML 3Page - NXP Semiconductors 74ABT544D Datasheet HTML 4Page - NXP Semiconductors 74ABT544D Datasheet HTML 5Page - NXP Semiconductors 74ABT544D Datasheet HTML 6Page - NXP Semiconductors 74ABT544D Datasheet HTML 7Page - NXP Semiconductors 74ABT544D Datasheet HTML 8Page - NXP Semiconductors 74ABT544D Datasheet HTML 9Page - NXP Semiconductors 74ABT544D Datasheet HTML 10Page - NXP Semiconductors 74ABT544D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74ABT544_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
7 of 15
NXP Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
11. Waveforms
tPHL
HIGH to LOW
propagation delay
An to Bn or Bn to An; see Figure 5
2.4
3.6
4.5
2.4
5.2
ns
LEBA to An or LEAB to Bn; see Figure 6
3.0
4.4
5.3
3.0
6.2
ns
tPZH
OFF-state to HIGH
propagation delay
OEBA to An, OEAB to Bn; see Figure 7
1.8
3.0
3.9
1.8
4.7
ns
EBA to An, EAB to Bn; see Figure 7
1.9
3.4
4.1
1.9
5.0
ns
tPZL
OFF-state to LOW
propagation delay
OEBA to An, OEAB to Bn; see Figure 8
2.9
4.2
5.2
2.9
6.1
ns
EBA to An, EAB to Bn; see Figure 8
3.1
4.6
5.5
3.1
6.5
ns
tPHZ
HIGH to OFF-state
propagation delay
OEBA to An, OEAB to Bn; see Figure 7
2.0
3.3
4.3
2.0
4.9
ns
EBA to An, EAB to Bn; see Figure 7
2.1
3.4
4.5
2.1
5.2
ns
tPLZ
LOW to OFF-state
propagation delay
OEBA to An, OEAB to Bn; see Figure 8
2.0
2.8
5.8
2.0
6.3
ns
EBA to An, EAB to Bn; see Figure 8
2.0
3.0
6.2
2.0
6.7
ns
tsu(H)
set-up time HIGH
An to LEAB, Bn to LEBA; see Figure 9
3.0
1.5
-
3.0
-
ns
An to EAB, Bn to EBA; see Figure 9
3.0
1.5
-
3.0
-
ns
tsu(L)
set-up time LOW
An to LEAB, Bn to LEBA; see Figure 9
3.0
0.6
-
3.0
-
ns
An to EAB, Bn to EBA; see Figure 9
3.0
0.6
-
3.0
-
ns
th(H)
hold time HIGH
LEAB to An, LEBA to Bn; see Figure 9
+0.5
−0.3
-
0.5
-
ns
EAB to An, EBA to Bn; see Figure 9
+0.5
−0.2
-
0.5
-
ns
th(L)
hold time LOW
LEAB to An, LEBA to Bn; see Figure 9
+0.5
−1.3
-
0.5
-
ns
EAB to An, EBA to Bn; see Figure 9
+0.5
−1.3
-
0.5
-
ns
tWL
pulse width LOW
latch enable; see Figure 9
3.5
1.8
-
3.5
-
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V; for test circuit, see Figure 10.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An, Bn) to output (Bn, An)
001aac759
VOL
VOH
VM
VM
tPHL
tPLH
VM
VM
An, Bn
VI
GND
Bn, An


Similar Part No. - 74ABT544D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544D PHILIPS-74ABT544D Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544D PHILIPS-74ABT544D Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544DB PHILIPS-74ABT544DB Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
More results

Similar Description - 74ABT544D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com