Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT543ADB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT543ADB
Description  Octal latched transceiver with dual enable; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT543ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT543ADB Datasheet HTML 1Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 2Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT543ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74ABT543A_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 26 January 2010
3 of 15
NXP Semiconductors
74ABT543A
Octal latched transceiver with dual enable; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration
LEBA
VCC
OEBA
EBA
A0
B0
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
EAB
LEAB
GND
OEAB
001aae899
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
74ABT543A
Table 2.
Pin description
Symbol
Pin
Description
LEBA
1
B-to-A latch enable input (active LOW)
OEBA
2
B-to-A output enable input (active LOW)
A0 to A7
3, 4, 5, 6, 7, 8, 9, 10
data input or output
EAB
11
A-to-B enable input (active LOW)
GND
12
ground (0 V)
OEAB
13
A-to-B output enable input (active LOW)
LEAB
14
A-to-B latch enable input (active LOW)
B0 to B7
22, 21, 20, 19, 18, 17, 16, 15
data input or output
EBA
23
B-to-A enable input (active LOW)
VCC
24
positive supply voltage


Similar Part No. - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543ADB PHILIPS-74ABT543ADB Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543ADB PHILIPS-74ABT543ADB Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543ADB NEXPERIA-74ABT543ADB Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results

Similar Description - 74ABT543ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com