Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD601ART Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2PD601ART
Description  50 V, 100 mA NPN general-purpose transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601ART Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2PD601ART Datasheet HTML 2Page - NXP Semiconductors 2PD601ART Datasheet HTML 3Page - NXP Semiconductors 2PD601ART Datasheet HTML 4Page - NXP Semiconductors 2PD601ART Datasheet HTML 5Page - NXP Semiconductors 2PD601ART Datasheet HTML 6Page - NXP Semiconductors 2PD601ART Datasheet HTML 7Page - NXP Semiconductors 2PD601ART Datasheet HTML 8Page - NXP Semiconductors 2PD601ART Datasheet HTML 9Page - NXP Semiconductors 2PD601ART Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2PD601ART_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 March 2007
6 of 10
NXP Semiconductors
2PD601ART
50 V, 100 mA NPN general-purpose transistor
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 7.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
2PD601ART
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - 2PD601ART

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
1 January 2023
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
   50 V, 100 mA NPN general-purpose transistor
12 January 2022
More results

Similar Description - 2PD601ART

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
1 January 2023
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
   50 V, 100 mA NPN general-purpose transistor
12 January 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
logo
NXP Semiconductors
PUML1 NXP-PUML1 Datasheet
96Kb / 12P
   50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Rev. 01-14 July 2008
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
logo
NXP Semiconductors
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com