Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHS10510RB Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # AHS10510RB
Description  AH Aluminum Housed Power Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHS10510RB Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  AHS10510RB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHS10510RB Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05 of 07
Type
25°C Rated Power
(W)
Resistance Tolerance
(± %)
Resistance Range
(Ω)
Temperature
Coefficient (±PPM/°C)
AHC-10
10
0.1, 0.25, 0.5
10~1.2K
25, 50
0.5, 1
1.0-2.7K
50, 100
5, 10
0.1~2.7K
100, 250
10
0.01~5.62K
100, 250
AHC-10N
10
1, 5
10~860
25, 50
5
1.0~1.2K
100
5, 10
0.1~1.2K
100, 250
10
0.01~1.5K
100, 250
AHC-25
25
0.1, 0.25, 0.5
10~2.7K
25, 50
0.5, 1
1.0~3.9K
50, 100
5, 10
0.1~3.9K
100, 250
10
0.01~12.1K
100, 250
AHC-25N
25
1, 5
10~1.2K
25, 50
5
1.0~2.7K
100
5, 10
0.1~2.7K
100, 250
10
0.01~6.04K
100, 250
AHC-50
50
0.1, 0.25, 0.5
10~3.9K
25, 50
0.5, 1
1.0~5.6K
50, 100
5, 10
0.1~5.6K
100, 250
10
0. 01~39.2K
100, 250
AHC-50N
50
1, 5
10~2.7K
25, 50
5
1.0~3.9K
100
5, 10
0.1~3.9K
100, 250
10
0.01~19.6K
100, 250
AHC-100
100
0.1, 0.25, 0.5
10~5.6K
25, 50
0.5, 1
1.0~8.2K
50, 100
5, 10
0.1~12K
100, 250
10
0.01~29.4K
100, 250
AHC-100N
100
1, 5
10~3.9K
25, 50
5
1.0~5.6K
100
5, 10
0.1~5.6K
100, 250
10
0.01~14.7K
100, 250
AHC-250
250
0.1, 0.25, 0.5
10~12K
25, 50
0.5, 1
1.0~27K
50, 100
5, 10
0.1~27K
100, 250
10
0.01~35.7K
100, 250
AHC-250N
250
1, 5
10~5.6K
25, 50
5
1.0~8.2K
100
5, 10
0.1~8.2K
100, 250
10
0.01~17.4K
100, 250
Note: All values might be changed or modified, please consult factory for details.
AH Aluminum Housed Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - AHS10510RB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AHS120 LITTELFUSE-AHS120 Datasheet
97Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
AHS160 MACOM-AHS160 Datasheet
50Kb / 1P
   PolySwitch짰 PTC Devices Overcurrent Protection Device
AHS160 MACOM-AHS160 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
AHS160 MACOM-AHS160 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AHS160 MACOM-AHS160 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
More results

Similar Description - AHS10510RB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
logo
Riedon Powertron
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com