Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRCM453232-391J Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TRCM453232-391J
Description  TRCM Chip Wirewound Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRCM453232-391J Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TRCM453232-391J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRCM453232-391J Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
06 of 07
Version 2010
TRCM Chip Wirewound Inductors
TRCM322522, TRCM453232 - Mechanical Performance Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(DIS C 5321)
Terminal Strength
No evidence of damage
Terminals shall withstand a pull of 0.5Kgf
in a horizoninal direction
Vibration
Δ L/L shall be within ±3%.
No evidence of damage
2 hours in each direction of X,Y,Z on p-Board
at a frequency range of 10-55-10HZ with
1.5mm amplitude
Dropping
Δ L/L shall be within ±3%.
No evidence of damage
Dropping 1m over the ground of conctete or
cement
TRCM322522, TRCM453232 - Electrical Performance Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(JIS C 5321)
Resistance to Soldering Heat
No evidence of damage
Δ L/L shall be within ±3%
Immerse in the solder (H63A) of 260±5°C for
10±1sec, leave for 2hrs at normal TEMP
Solderability
More than 90% surface to
be covered with new soldering
AV100V 60 SEC.
Dielectric with
standing voltage
No veridence of breakdown
resistor 1000 Mohm and over
DC500V 30 SEC.
Insulation Resistance
No veidence of breakdown,
resistor 1000 Mohm and over
DC 500V 30 SEC.
TRCM322522, TRCM453232 - Climatic Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(JIS C 5321)
LOW TEMP. Characteristics
No evidence of damage,
Δ L/L within ±5%,
Q/Q within ±30%
Immerse in the solder (H63A)of 260±5°C
for 10±1sec, leave for 2hrs at normal TEMP.
TEMP. Cycling
No evidence of damage,
Δ L/L within ±5
Keep for 30 min. at TEMP.of -25°C~+85°
Cat 5 cycle case of TEMP. change from low to high
and V.V.
Temperature Characteristics
Δ L/L within ±3%
Δ L/L to be measured at the temperature
of between -25°C and +85°C
Moiisture load Characteristics
No evidence of damage,
Δ L/L within ±5%,
Q/Q within ±30
TEMP.40±2°C,Humidity 90~95% 96± 2hrs,
measurements shall be performed after 1~2hrs at
normal TEMP..
High TEMP. overload
Characteristics
No evidence of damage,Δ L/L
within ±5%,Q/Q within ±30
Leave for 96±2hrs in a bath of
TEMP.85±2°C,measurements shall be performed
after 1~2hrs at normal TEMP.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRCM453232-391J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRCM453232-391J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com