Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PB709ART Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2PB709ART
Description  45 V, 100 mA PNP general-purpose transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709ART Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 2PB709ART Datasheet HTML 2Page - NXP Semiconductors 2PB709ART Datasheet HTML 3Page - NXP Semiconductors 2PB709ART Datasheet HTML 4Page - NXP Semiconductors 2PB709ART Datasheet HTML 5Page - NXP Semiconductors 2PB709ART Datasheet HTML 6Page - NXP Semiconductors 2PB709ART Datasheet HTML 7Page - NXP Semiconductors 2PB709ART Datasheet HTML 8Page - NXP Semiconductors 2PB709ART Datasheet HTML 9Page - NXP Semiconductors 2PB709ART Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2PB709ART_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 March 2007
7 of 10
NXP Semiconductors
2PB709ART
45 V, 100 mA PNP general-purpose transistor
10. Soldering
Fig 8.
Reflow soldering footprint SOT23 (TO-236AB)
Fig 9.
Wave soldering footprint SOT23 (TO-236AB)
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
sot023
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
sot023
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
Dimensions in mm
solder resist
occupied area
solder lands


Similar Part No. - 2PB709ART

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709ART NEXPERIA-2PB709ART Datasheet
591Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01 - 19 March 2007
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
More results

Similar Description - 2PB709ART

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
BC857XQB-Q_SER NEXPERIA-BC857XQB-Q_SER Datasheet
245Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BC857XQB_SER NEXPERIA-BC857XQB_SER Datasheet
245Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
2PB709ART NEXPERIA-2PB709ART Datasheet
591Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01 - 19 March 2007
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
logo
NXP Semiconductors
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC857BSH-Q NEXPERIA-BC857BSH-Q Datasheet
235Kb / 10P
   45 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC857BSH NEXPERIA-BC857BSH Datasheet
230Kb / 1P
   45 V, 100 mA PNP/PNP general-purpose double transistor
19 March 2021
logo
NXP Semiconductors
BC847QAPN NXP-BC847QAPN Datasheet
230Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
19 July 2013
logo
Nexperia B.V. All right...
BC857BV NEXPERIA-BC857BV Datasheet
190Kb / 8P
   45 V, 100 mA PNP general purpose double transistor
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com