Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX1147 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX1147
Description  PNP SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX1147 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX1147 Datasheet HTML 1Page - Zetex Semiconductors FCX1147 Datasheet HTML 2Page - Zetex Semiconductors FCX1147 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
VALUE
UNIT
CONDITIONS.
MIN.
TYP.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-15
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CES
-12
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-12
V
IC=-10mA
Collector-Emitter
Breakdown Voltage
V(BR)CEV
-12
V
IC=-100µA, VEB=+1V
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-0.3
-10
nA
VCB=-12V
Emitter Cut-Off Current
IEBO
-0.3
-10
nA
VEB=-4V
Collector Emitter Cut-Off
Current
ICES
-0.3
-10
nA
VCES=-10V
Collector-Emitter
Saturation Voltage
VCE(sat)
-25
-70
-90
-115
-160
-250
-50
-110
-130
-170
-250
-400
mV
mV
mV
mV
mV
IC=-0.1A, IB=-1mA*
IC=-0.5A, IB=-2.5mA*
IC=-1A, IB=-6mA*
IC=-2A, IB=-20mA*
IC=-3A, IB=-30mA*
IC=-5A, IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-820
-1000
mV
IC=-3A, IB=-30mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-770
-950
mV
IC=-3A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
270
250
200
200
150
90
450
400
340
300
245
145
50
850
IC=-10mA, VCE=-2V*
IC=-0.5A, VCE=-2V*
IC=-2.0A, VCE=-2V*
IC=-3.0A, VCE=-2V*
IC=-5.0A, VCE=-2V*
IC=-10.0A, VCE=-2V*
IC=-20.0A, VCE=-2V*
Transition Frequency
fT
115
MHz
IC=-50mA, VCE=-10V
f=50MHz
Output Capacitance
Ccb
80
pF
VCB=-10V, f=1MHz
Switching Times
ton
150
ns
IC=-4A, IB=-40mA,
VCC=-10V
toff
220
ns
IC=-4A, IB=−40mA,
VCC=-10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX1147A


Similar Part No. - FCX1147

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1147A ETC2-FCX1147A Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147ATA ETC2-FCX1147ATA Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX1147

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR?
logo
Guangdong Kexin Industr...
FCX1151A KEXIN-FCX1151A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Continental Device Indi...
2N3868 CDIL-2N3868 Datasheet
156Kb / 4P
   PNP SILICON POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com