Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF402D78B-S4 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TSF402D78B-S4
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF402D78B-S4 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TSF402D78B-S4 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
04 of 14
Version 2010
SAW for Digital Satellite Broadcasting
SAW Filters for Digital Satellite Broadcasting (DSB Receiver) - Television and radio broadcasting is being
progressively digitized worldwide. The benefits are obvious: superior sound and picture quality, and many more
channels to choose from. Token offers matching SAW filters for all digital broadcasting systems.
Part Number
Center Freq.
(MHz)
IL
(dB)
3dB BW
(MHz)
Application
Package
SMD Type
DIP Type
TSF480D00A-D5
480
21
18
One-channel, Satellite Filters
TO39-2
TSF480D00B-S4
480
21
18
One-channel, Satellite Filters
QCC8C
TSF480D00C-D5
480
22.5
27
One-channel, Satellite Filters
TO39-2
TSF480D00D-S4
480
22.5
27
One-channel, Satellite Filters
QCC8C
TSF480D00E-D5
480
20
27
One-channel, Satellite Filters
TO39-2
TSF480D00F-D5
480
21
36
One-channel, Satellite Filters
TO39-2
TSF480D00G-S4
480
21
36
One-channel, Satellite Filters
QCC8C
TSF480D00H-D1
480
15
16
One-channel, Satellite Filters
TO-39
TSF480D00I-S4
480
12.5
15.3
One-channel, Satellite Filters
QCC8C
TSF480D00J-D5
480
22
38.6
One-channel, Satellite Filters
TO39-2
TSF479D50A-D5
479.5
21.5
8
One-channel, Satellite Filters
TO39-2
TSF479D50B-S4
479.5
21.5
8
One-channel, Satellite Filters
QCC8C
TSF479D50C-D5
479.5
18
6.5
One-channel, Satellite Filters
TO39-2
TSF479D50D-D2
479.5
22
16
(5.5 dB)
One-channel, Satellite Filters
F-11
TSF479D50E-S4
479.5
22
16
(5.5 dB) One-channel, Satellite Filters
QCC8C
TSF402D78B-S4
402.78
20.5 /
20.0
15.5 /
28.0
Two-channel, Satellite Filters
QCC8C
SAW for Automotive Electronics & Remote Control Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF402D78B-S4

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
TSF40 CYNERGY3-TSF40 Datasheet
68Kb / 1P
   Compact internal fitting with integral thermistor output
logo
Taiwan Semiconductor Co...
TSF40H100C TSC-TSF40H100C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H120C TSC-TSF40H120C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H150C TSC-TSF40H150C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H200C TSC-TSF40H200C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF402D78B-S4

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com