Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPRND111KA5C5 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # UPRND111KA5C5
Description  UPRND Network Precision Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND111KA5C5 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  UPRND111KA5C5 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND111KA5C5 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND111KA5C5 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND111KA5C5 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
4
100R
B
UPRND
C
04 of 04
Number of Pins: 2, 4, 11
Code
Resistance Value (%)
10R
10Ω
100R
100Ω
1K
1KΩ
1M
1MΩ
Resistance Value (Ω)
Part Number: UPRND
Code
Resistance Tolerance (%)
Absolute
A2
±0.02 %
A5
±0.05 %
B
±0.10 %
C
±0.25 %
D
±0.50 %
F
±1.00 %
Relative
T
±0.01 %
A2
±0.02 %
A5
±0.05 %
B
±0.10 %
Resistance Tolerance (%)
Code Temperature Coefficient
(ppm/°C)
Absolute
C7
±5 ppm/°C
C6
±10 ppm/°C
C5
±15 ppm/°C
C3
±25 ppm/°C
C2
±50 ppm/°C
Relative
C10
±2 ppm/°C
C9
±3 ppm/°C
C7
±5 ppm/S°C
C6
±10 ppm/°C
C5
±15 ppm/°C
Temperature Coefficient (ppm/°C)
Version 2010
Back to 1st Page - Precision Resistor Network (UPRND)
UPRND Network Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - UPRND111KA5C5

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
UPRND2100RA2C3 TOKEN-UPRND2100RA2C3 Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
UPRND2100RA2C5 TOKEN-UPRND2100RA2C5 Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
UPRND2100RA2C6 TOKEN-UPRND2100RA2C6 Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
UPRND2100RA2C7 TOKEN-UPRND2100RA2C7 Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
More results

Similar Description - UPRND111KA5C5

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
   UPRNS Network Precision Resistors
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
   UPSC Extra Precision Network Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com