Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDN250W0R1J Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # ZDN250W0R1J
Description  ZR Flat-Wirewound Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZDN250W0R1J Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  ZDN250W0R1J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZDN250W0R1J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZDN250W0R1J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. ZDN250W0R1J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
How to Order
ZDR
250W
Part Number: ZDR
ZQR
ZDN
ZQN
250R
J
Rated Power (W): 40W~300W
60W~450W
40W~300W
60W~450W
Resistance Value (Ω):
Resistance Tolerance (%)
Code
Resistance Tolerance
H
±3%
J
±5%
K
±10%
Code
Resistance Value
0R1
0.1Ω
1R
10R
10Ω
12R
12Ω
12K
12KΩ
Version 2010
ZR Flat-Wirewound Power Resistors
Back to 1st Page - Wirewound Power Resistors (ZR)
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - ZDN250W0R1J

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
FW70W-R100-KB RCD-FW70W-R100-KB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
OVSF VISHAY-OVSF Datasheet
111Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com