Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PA1774QM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PA1774QM
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PA1774QM Datasheet(HTML) 4 Page - NXP Semiconductors

  2PA1774QM Datasheet HTML 1Page - NXP Semiconductors 2PA1774QM Datasheet HTML 2Page - NXP Semiconductors 2PA1774QM Datasheet HTML 3Page - NXP Semiconductors 2PA1774QM Datasheet HTML 4Page - NXP Semiconductors 2PA1774QM Datasheet HTML 5Page - NXP Semiconductors 2PA1774QM Datasheet HTML 6Page - NXP Semiconductors 2PA1774QM Datasheet HTML 7Page - NXP Semiconductors 2PA1774QM Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Feb 19
4
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PA1774M series
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0
−100
nA
VCB = −30 V; IE = 0; Tj = 150 °C
−5
μA
IEBO
emitter-base cut-off current
VEB = −4 V; IC = 0
−100
nA
hFE
DC current gain
VCE = −6 V; IC = −1 mA
2PA1774QM
120
270
2PA1774RM
180
390
2PA1774SM
270
560
VCEsat
collector-emitter saturation voltage
IC = −50 mA; IB = −5 mA; note 1
−200
mV
Cc
collector capacitance
IE = ie = 0; VCB = −12 V; f = 1 MHz
2.2
pF
fT
transition frequency
VCE = −12 V; IC = −2 mA;
f = 100 MHz
100
MHz
handbook, halfpage
MDB663
IC (mA)
−10−1
−1
−10
−102
−103
103
hFE
102
10
(1)
(2)
(3)
Fig.2 DC current gain; typical values.
VCE = −6 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MDB664
VBE
(mV)
−400
−200
−600
−1000
−800
−1200
IC (mA)
−10−1
−1
−10
−102
−103
(1)
(2)
(3)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
VCE = −6 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.


Similar Part No. - 2PA1774QM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1774QM PHILIPS-2PA1774QM Datasheet
70Kb / 8P
   PNP general purpose transistor
2004 Feb 19
logo
Nexperia B.V. All right...
2PA1774QM NEXPERIA-2PA1774QM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
2PA1774QM NEXPERIA-2PA1774QM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
logo
NXP Semiconductors
2PA1774QMB NXP-2PA1774QMB Datasheet
332Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1-23 March 2012
logo
Nexperia B.V. All right...
2PA1774QMB NEXPERIA-2PA1774QMB Datasheet
988Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results

Similar Description - 2PA1774QM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com