Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PA1576S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PA1576S
Description  PNP general-purpose transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PA1576S Datasheet(HTML) 2 Page - NXP Semiconductors

  2PA1576S Datasheet HTML 1Page - NXP Semiconductors 2PA1576S Datasheet HTML 2Page - NXP Semiconductors 2PA1576S Datasheet HTML 3Page - NXP Semiconductors 2PA1576S Datasheet HTML 4Page - NXP Semiconductors 2PA1576S Datasheet HTML 5Page - NXP Semiconductors 2PA1576S Datasheet HTML 6Page - NXP Semiconductors 2PA1576S Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2PA1576_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
2 of 7
NXP Semiconductors
2PA1576
PNP general-purpose transistor
4.
Marking
[1]
* = -: made in Hong Kong
* = t: made in Malaysia
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
Table 3.
Marking codes
Type number
Marking code[1]
2PA1576Q
F*Q
2PA1576R
F*R
2PA1576S
F*S
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−60
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current (DC)
-
−150
mA
ICM
peak collector current
-
−200
mA
IBM
peak base current
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1] --625
K/W


Similar Part No. - 2PA1576S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2PA1576S KEXIN-2PA1576S Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576S PHILIPS-2PA1576S Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
logo
Nexperia B.V. All right...
2PA1576S NEXPERIA-2PA1576S Datasheet
208Kb / 7P
   PNP general-purpose transistor
1 January 2023
2PA1576S NEXPERIA-2PA1576S Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
2PA1576S-Q NEXPERIA-2PA1576S-Q Datasheet
188Kb / 8P
   PNP general-purpose transistor
19 August 2022
More results

Similar Description - 2PA1576S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com